Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 38 of 59
AVDD/2
OUT–
ADA4254
OUT+
AVSS
GPIO4/CLKIN
10kΩ
200Ω
680pF
200Ω
270pF
270pF
RFILTER
CFILTER
CFILTER
100Ω
10ppm/°C
150Ω
30V
±10V AND
4mA TO 20mA
RFILTER
GPIO0
+
–
+IN1
–IN1
+IN2
–IN2
VOCM
AVDD
VSSH
VDDH
–15V
AD7768
MCLK
AVDD1
AVSS
AIN0+
AIN0–
Figure 103. Voltage/Current Input Application
3-WIRE RTD WITH CURRENT EXCITATION
For a 3-wire RTD configuration, as shown in Figure 104, one
current source is needed to perform the measurement. In this
example circuit, IOUT_LV is used. The excitation current flows
through RL1, RTD, and RL3 reference resistor (RREF). Assuming
that RL1, RL2, and RL3 are equal, the error voltages due to all
the leads are equal. The voltage between +IN1 and –IN1 measures
the voltage drop due to RL1 and the RTD. The voltage between
+IN1 and –IN2 can be used to calculate the lead resistor. The
second channel, +IN2 and –IN2, has a precision reference resistor
used to measure the absolute value of the current flowing from
IOUT_LV. A typical procedure for reading the RTD current is
as follows:
1.
Run a calibration to null any offset voltage error in the
system by shorting the input of the instrumentational
amplifier to ground.
2.
Set the ADA4254 input multiplexer to Channel 1, +IN1
and –IN1, by writing 0x60 to the INPUT_MUX register.
3.
Switch IOUT_LV on by writing 0x40 to the EX_CURRENT_
CFG register. Also, set the current by writing to the
EX_CURRENT[3:0] bits.
4.
Set the gain of the ADA4254 to the appropriate gain via
the GAIN_MUX register.
5.
Take a reading on the ADC. This reading shows the
voltage drop across RL1, the RTD element.
6.
Switch the ADA4254 input mux to Channel 2, +IN2 and
−IN2, by writing 0x18 to the INPUT_MUX register.
7.
Take a reading on the ADC. This reading is the voltage
drop across RREF. IOUT_LV can be calculated from this
reading.
8.
Measure between –IN1 and +IN2. First the input
multiplexer protection is disabled by setting the
MUX_PROT_DIS bit to allow a –IN1 and +IN2
configuration.
9.
Set the INPUT_MUX register to 0x30.
10. Repeat Step 4.
11. Take a reading on the ADC. This reading is the voltage
drop across RL3 and RREF.
Use the measurement from Step 11, the absolute value of
IOUT_LV, and the RREF value to calculate the lead resistance.
The lead resistance is subtracted from the measurement in
Step 5 to calculate the voltage drop across the RTD element.
After the RTD voltage is calculated, the RTD resistance can be
calculated.
The ADA4254 internal chopping circuitry can be synchronized
to the companion ADC. This helps keep the residual chopping
noise at its frequency and prevents it from folding back into a
frequency band of interest. To use the sync functionality,
configure GPIO4 to be an input by setting its corresponding bit
field in the GPIO_DIR register. Set the ADA4254 to accept an
external clock by setting the EXT_CLK_IN bit field in the SF_CFG
register. Adjust the clock divider such that the resulting clock is
equal to 1 MHz. The divider can be adjusted in SYNC_CFG
register. The SYNC_CFG register also controls the syncing
edge polarity. It is recommended that two reads from the
M_CLK_CNT register are performed to ensure that the master
clock counter is incrementing indicating that the ADA4254 is
getting an external clock.
The ADA4254 on-chip diagnostics allow the user to check the
circuit connections. In RTD applications, the circuit connections
are verified using the wire break detection capabilities of the
ADA4254. The WB_DETECT flag is set if one of the RTD wires
is missing. Finally, the CRC check, SCLK counter, and SPI
read/write check make the interface more robust because any
read/write operations that are not valid are detected. The CRC
check highlights if any bits are corrupted when being
transmitted between the processor and the ADA4254.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com