Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 35 of 59
CRC CALCULATION
The checksum, which is 8 bits wide, is generated using the
following polynomial (with a seed of 0x00):
x8 + x2 + x + 1 (0b100000111)
To generate the checksum, the data is left shifted by 8 bits to
create a number ending in eight Logic 0s. The polynomial is
aligned so that its MSB is adjacent to the leftmost Logic 1 of the
data. An exclusive OR (XOR) function is applied to the data to
produce a new, shorter number. The polynomial is again aligned
so that its MSB is adjacent to the leftmost Logic 1 of the new
result, and the procedure is repeated. This process is repeated
until the original data is reduced to a value less than the
polynomial. This is the 8-bit checksum.
100 001 10 011 000 000 000 000 0
100 000 11 1
000 001 01 1
SEED = 0x00
1 00 000 111
0 01 111 111
1 000 001 11
0 111 110 11
100 000 111
011 110 001
10 000 011 1
01 110 010 1
1 000 001 11
0 110 011 01
100 000 111
010 011 101
10 000 011 1
00 011 110 1
10 000 011 1
01 110 111 1
CRC CHECKSUM
Figure 98. Calculating a CRC Checksum
MEMORY MAP CHECKSUM PROTECTION
For added robustness, a CRC calculation is performed on the
on-chip registers as well. Register 0x03, Register 0x04, and
Register 0x05 are not included in this check because the contents of
these registers change, independent of SPI writes. The CRC is
performed at a rate of 15.26 Hz. Each time the register map is
changed using an SPI write, the CRC is recalculated.
The memory map CRC function is enabled by default. It can
be disabled via MM_CRC_ERR_DIS. If an error occurs,
MM_CRC_ERR trips.
VERIFY DATA USING CRC CHECKSUM
100 0011 001 100 0001 110 111 1
100 0001 11
000 0010 11
CRC CHECKSUM = 0xEF
10 000 011 1
00 111 111 1
100 000 111
011 111 011
10 000 0111
01 111 0000
1 000 0011 1
0 111 0011 0
100 0001 11
011 0010 10
10 0000 111
01 0010 011
1 0000 011 1
0 0010 000 0
10 000 011 1
00 000 000 0
REMAINDER = 0
DATA OK!
Figure 99. Verifying Data with a CRC Checksum
READ-ONLY MEMORY (ROM) CHECKSUM
PROTECTION
On power-up, all fuse registers are set to the default values.
These default values are held in ROM. For added robustness, a
CRC calculation is performed on the ROM contents as well.
This CRC check is performed on power-up. The ROM CRC
function is enabled by default. It can be disabled via ROM_
CRC_ERR_DIS. If an error occurs, the ROM_CRC_ERR trips.
SPI READ/WRITE ERROR DETECTION
The ADA4254 can detect if an invalid register is being addressed.
A read or write to an invalid address trips SPI_RW_ERR.
SPI_RW_ERR is enabled by default. It can be disabled via
SPI_RW_ERR_DIS.
SPI COMMAND LENGTH ERROR DETECTION
When communicating with the ADA4254, the number of clock
edges on SCLK is monitored to ensure that, when CS returns
high, the total number of clock edges received is divisible by 8.
If the number of SCLK edges is insufficient or in excess, SPI_
SCLK_CNT_ERR trips. The SPI_SCLK_CNT_ERR is enabled
by default. It can be disabled via SPI_SCLK_CNT_ERR_DIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com