Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 54 of 59
ERROR CONFIGURATION REGISTER
Table 27. CFG_C Register Details (Register 0x0D)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ERR_LATCH_DIS
Reserved
ERR_DELAY[3:0]
Access
RW
Reserved
RW
RW
RW
RW
Reset
0
Reserved
0
1
0
0
Bit 7, ERR_LATCH_DIS—Disable Error Latching
By default, ERR_LATCH_DIS is cleared to 0 and error flags are
latched and require resetting. Setting ERR_LATCH_DIS to 1
makes the errors appear transparently (nonlatching) on the
respective outputs. When ERR_LATCH_DIS is set to 1, errors
can be suppressed for the time interval configured by
ERR_DELAY.
Bits[3:0], ERR_DELAY[3:0] —Error Suppression Time
When ERR_LATCH_DIS is set to 1, ERR_DELAY determines
the number of clock cycles an error must remain present before
the error flag is tripped, which eliminates false trips due to
noise and transients.
Table 28. Error Flag Suppression Time
ERR_DELAY[3:0]
Clock Cycles (μS)
0x0
0
0x1
1
0x2
2
0x3
3
0x4
4
0x5
5
0x6
6
0x7
7
0x8
8
0x9
12
0xA
16
0xB
24
0xC
32
0xD
48
0xE
64
0xF
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com