Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 46 of 59
ANALOG ERROR REGISTER (ANALOG_ERR) DETAILS
Table 17. ANALOG_ERR Register Details (Register 0x04)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
G_RST
POR_HV
Reserved
WB_ERR
FAULT_INT
OUTPUT_ERR
INPUT_ERR
MUX_OVER_VOLT_ERR
Access
RW
RW
Reserved
RW
RW
RW
RW
RW
Reset
0
0
Reserved
0
0
0
0
0
Bit 7, G_RST—Gain Reset Flag
The G_RST flag indicates that the gain settings in the GAIN_
MUX register have been reset to their defaults due to an over-
voltage event in one or more of the input amplifiers that lasted
more than 200 μs. Bit G5 in the TEST_MUX register is not
reset by this event. This safety measure protects the input
resistor network from overvoltage. This flag can be cleared by
writing a 1 to this bit. Clearing this flag does not restore gain
settings to the previous values.
Bit 6, POR_HV—Power-On Reset HV Supply
The POR_HV flag indicates that an event occurred on VDDH
or VSSH, causing the power-on reset circuit to trip. When the
supply voltage returns to a valid state, the ADA4254 runs a
calibration. Clear this error flag by writing a 1 to this bit
position.
Bit 4, WB_ERR—Wire Break Detect Error
When performing a wire break test using the WB_DETECT
register, the WB_ERR flag indicates a fault on the inputs of the
amplifier. Clear this error by writing a 1 to this bit position.
Bit 3, FAULT_INT—Fault Interrupt
An OR function is performed on all unmasked error flags in the
ANALOG_ERR register and the DIGITAL_ERR register to
generate the FAULT_INT fault interrupt. Configuring GPIO3
as an output using the corresponding GPIO_DIR bit and
setting FAULT_INT_OUT to 1 outputs this signal to GPIO3.
Clear this error by writing a 1 to this bit position. In this mode,
GPIO3 is active low.
Bit 2, OUTPUT_ERR—Output Amplifier Error
The OUTPUT_ERR flag indicates that the output amplifier is
overloaded. The cause of this overload condition is either the
output voltage saturating or excessive current being conducted
from the output of the amplifier. Clear this error by writing a 1
to this bit position.
Bit 1, INPUT_ERR—Input Amplifier Error
This flag indicates that one of the input amplifiers is
overloaded. The cause of this overload condition is either
saturation of one of the amplifier outputs, or a violation of the
input voltage range. When this error flag is tripped for longer
than 200 μs, gain settings in the GAIN_MUX register reset to
the default values and the G_RST flag is set to 1. Bit G5 is not
reset. Clear this error by writing a 1 to this bit position.
Bit 0, MUX_OVER_VOLT_ERR—Input Multiplexer
Overvoltage Error
The MUX_OVER_VOLT_ERR flag indicates that excessive
voltage is detected by the input multiplexer. The multiplexer
turns all channels off to protect the input amplifier. Reads of the
INPUT_MUX register during this time do not reflect this. The
threshold for this detection is typically VSSH + 0.9 V and
VDDH − 0.9 V. When the input voltage returns to the valid
range after 20 μs, the multiplexer returns to the previous
settings. If latched mode is in use, the error flag remains until
reset. If nonlatched mode is used, the error flag clears when the
multiplexer returns to the previous settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com