Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 33 of 59
DIGITAL INTERFACE
SPI INTERFACE
The ADA4254 features a 4-wire SPI interface. This interface
operates in SPI Mode 0 and can be operated with CS tied low.
In SPI Mode 0, SCLK idles low, the falling edge of SCLK is the
driving edge, and the rising edge of SCLK is the sampling edge.
This setup means that data is clocked out on the falling (driving)
edge and data is clocked in on the rising (sampling) edge.
DRIVE EDGE
SAMPLE EDGE
Figure 93. SPI Mode 0 SCLK Edges
ACCESSING THE ADA4254 REGISTER MAP
The ADA4254 SPI interface uses 16-bit instructions, plus an
optional 8-bit CRC checksum. Each instruction contains a
read/write bit, a 7-bit address, 8 bits of data, and an 8-bit CRC
checksum if the SPI_CRC_ERR bit is configured.
Table 8. ADA4254 Instruction Format
RW
ADDR[6:0]
DATA[7:0]
CRC[7:0]
RW determines whether a read or write operation is performed
(1 means read and 0 means write). ADDR[6:0] is the register
address being read from or written to. RW and the ADDR[6:0]
together are referred to as an 8-bit command. For write operations,
DATA[7:0] is the data being written and CRC[7:0] is a user
provided checksum for that data.
The ADA4254 internal address counter is automatically
incremented after each read/write operation, allowing a
continuous read/write mode. After an initial read operation, if
CS stays low, the next 8 SCLK pulses read back the contents of
the next register address. After an initial write operation, if CS
stays low, the next 8 SCLK pulses load the data on SDI to the
next register address.
CHECKSUM PROTECTION
The ADA4254 features a checksum mode that can be used to
improve interface robustness. Using the checksum ensures that
only valid data is written to a register and allows data read from
a register to be validated. If an error occurs during a register
write, SPI_CRC_ERR trips and no data is written. To ensure
that a register write is successful, the register contents can be
read, and the checksum can be verified.
For CRC checksum calculations, the following polynomial is
always used:
x8 + x2 + x + 1
SPI_CRC_ERR_DIS enables and disables this checksum. The 8-bit
checksum is appended to the end of each read and write trans-
action. The checksum calculation for the write transaction is
calculated using the 8-bit command word and the 8-bit data.
For a read transaction, the checksum is calculated using the
command word and the 8-bit data output. Figure 94 and Figure 95
show SPI write and read transactions, respectively.
In continuous write mode, the first write command CRC is
calculated as described previously in this section. Subsequent CRCs
are clocked in after every register data. CRC in continuous write
mode is calculated based on the register value it is associated
with. In continuous read mode, the first read command CRC is
calculated as described previously. Subsequent CRCs are clocked
out after every register data. CRC in continuous read mode is
calculated based only on the register value it is associated with.
Figure 96 and Figure 97 show SPI continuous write and read
transactions, respectively.
CS
8-BIT COMMAND
DATA
CRC
8-BIT INPUT
8-BIT CRC
SDI
SCLK
CS
Figure 94. Writing to a Register with CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com