Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 19 of 59
–40
–30
–20
–10
0
10
20
30
40
50
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
128V/V
64V/V
32V/V
16V/V
8V/V
4V/V
2V/V
1V/V
1/2V/V
1/4V/V
1/8V/V
1/16V/V
Figure 55. Small Signal Frequency Response
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
FREQUENCY (Hz)
NOTE: FLAT PORTION OF THE CURVES
IS DOMINATED BY NOISE
DIFFERENTIAL OUTPUT
VOLTAGE = 8V p-p
GAIN = 128V/V
GAIN = 8V/V
GAIN = 1/2V/V
GAIN = 1V/V
Figure 56. Total Harmonic Distortion Plus Noise (THD + N) vs. Frequency with
100 kHz Filter, Differential Load Resistor (RL, DIFF) = 5 kΩ
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
FREQUENCY (Hz)
DIFFERENTIAL OUTPUT
VOLTAGE = 8V p-p
GAIN = 128V/V
GAIN = 8V/V
GAIN = 1/2V/V
GAIN = 1V/V
Figure 57. THD vs. Frequency, RL, DIFF = 5 kΩ
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–12
–9
–6
–3
0
3
6
GAIN = 1.375V/V
GAIN = 1.25V/V
GAIN = 1V/V
Figure 58. VOCM Small Signal Frequency Response
–100
–90
–80
–70
–60
–50
–40
–30
–20
0.1
1
10
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
GAIN = 128V/V
GAIN = 8V/V
GAIN = 1/2V/V
GAIN = 1V/V
NOTE: THD + N BECOMES DOMINATED BY
NOISE AS OUTPUT SIGNAL SIZE REDUCES
INPUT FREQUENCY = 1kHz
Figure 59. THD + N vs. Differential Output Voltage with 100 kHz Filter,
RL, DIFF = 5 kΩ
7
8
9
10
11
12
13
14
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
AVDD = +2.7V SOURCING
AVDD = +2.7V SINKING
AVDD = +5V SINKING
AVDD = +5V SOURCING
Figure 60. Sinking/Sourcing Short-Circuit Output Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com