Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4254ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 5 of 59
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN
Output voltage (VOUT) = 8.5 V p-p2
Input Gain Range
1/16 to 128
V/V
Output Gain Range
1, 1.25, 1.375
V/V
Gain Error
Before Calibration
All Gains
<±0.06
±0.12
%
Using Calibration
Coefficient
All Gains
<±0.01
±0.025
%
All Gain Values Except as
Follows:
TA = −40°C to +105°C1
<±0.3
±1
ppm/°C
G = 1/16 V/V, All Scaling
Gains
TA = −40°C to +105°C1
±0.8
±1.5
ppm/°C
G = 32 V/V, 64 V/V, All
Scaling Gains
TA = −40°C to +105°C1
±0.4
±1.5
ppm/°C
G = 128 V/V, Scaling Gains
1 V/V, 1.25 V/V
TA = −40°C to +105°C1
±0.6
±2
ppm/°C
G = 128 V/V, Scaling Gain
1.375 V/V
TA = −40°C to +105°C1
±0.7
±2.5
ppm/°C
Nonlinearity
All gains except 32 V/V, 64 V/V and 128 V/V2, 3
5
15
ppm
G = 32 V/V
7.5
ppm
G = 64 V/V
12
ppm
G = 128 V/V
15
ppm
NOISE
Total noise, RTI =
2
2
no
ni
e
e
Gain

 

Voltage Noise, 1 kHz, RTI
Input Noise (eni)
17
nV/√Hz
Output Noise (eno)
253
nV/√Hz
0.1 Hz to 10 Hz, RTI
G = 1/16 V/V
95
μV p-p
G = 1 V/V
5.75
μV p-p
G = 128 V/V
330
nV p-p
0.01 Hz to 10 Hz, RTI
G = 1/16 V/V
100
μV p-p
G = 1 V/V
6.8
μV p-p
G = 128 V/V
395
nV p-p
Current Noise
10 Hz
100
fA/√Hz
0.1 Hz to 10 Hz
3.1
pA p-p
0.01 Hz to 10 Hz
4
pA p-p
INPUT CHARACTERISTICS
Input Bias Current
±0.45
±1.5
nA
TA = −40°C to +85°C1
±4
nA
TA = −40°C to +105°C1
±14
nA
Input Offset Current
±0.2
±1.3
nA
TA = −40°C to +85°C1
±2.5
nA
TA = −40°C to +105°C1
±3.5
nA
Input Impedance
Common mode
>1||11
GΩ||pF
Differential
>1||4.7
GΩ||pF
Input Operating Voltage Range
Guaranteed by CMRR
VSSH + 3
VDDH − 3
V
MUX_OVER_VOLT_ERR
Positive Threshold
VDDH − 0.9
V
Negative Threshold
VSSH + 0.9
V
INPUT_ERR/GAIN_RST
Positive Threshold
VDDH − 1.5
V
Negative Threshold
VSSH + 1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com