Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 22 of 59
0
1
2
3
0246
8
10
12
14
LOAD CURRENT (mA)
DVDD = 2.7V
VOH AT –40°C
VOH AT +25°C
VOH AT +105°C
VOL AT –40°C
VOL AT +25°C
VOL AT +105°C
Figure 73. GPIO Output Voltage (VOH/VOL) vs. Load Current for Various
Temperatures; DVDD = 2.7 V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
20.0 20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
IOUT_HV VOLTAGE (V)
VSSH = –25V
VDDH = +25V
Figure 74. IOUT_HV Current vs. IOUT_HV Output Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
INPUT_ERR
GAIN_RST
MUX_OVER_VOLT_ERR
Figure 75. Error Flag Negative Trip Voltage (Threshold – VSSH) vs.
Temperature
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
LOAD CURRENT (mA)
VOH AT –40°C
VOH AT +25°C
VOH AT +105°C
VOL AT –40°C
VOL AT +25°C
VOL AT +105°C
DVDD = 5V
Figure 76. GPIO Output Voltage (VOH/VOL) vs. Load Current for Various
Temperatures; DVDD = 5 V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
2.52.72.9 3.13.33.5 3.7 3.94.14.3 4.54.74.9
IOUT_LV VOLTAGE (V)
Figure 77. IOUT_LV Current vs. IOUT_LV Output Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
INPUT_ERR
GAIN_RST
MUX_OVER_VOLT_ERR
Figure 78. Error Flag Positive Trip Voltage (VDDH – Threshold) vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com