Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 55 of 59
TEST MULTIPLEXER REGISTER (TEST_MUX) DETAILS
Table 29. TEST_MUX Register Details (Register 0x0E)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
G5
CAL_SEL
CAL_EN[1:0]
TEST_MUX[3:0]
Access
RW
RW
RW
RW
Reset
0
0
0
0
0
0
0
0
A1
A2
B1
B2
+IN1
–IN1
+IN2
–IN2
D12
–OUT
PGIA
+OUT
TEST MULTIPLEXER
TEST_MUX[3:0]
C1
AVSS
DVSS
+20mV –20mV
C2
Figure 109. Test Multiplexer Connectivity
Bit 7, G5—Output Amplifier Scaling Gain = 1
.25 V/V
Clearing Bit G4 to 0 and setting Bit G5 to 1 configures the output
amplifier to a scaling gain value of 1.25 V/V. This setting scales
the input amplifier gain configured in the GAIN_MUX register
by 1.25 V/V.
Table 30. Output Amplifier Scaling Gain Settings
G5
G4
Output Amplifier Scaling Gain (V/V)
0
0
1
X
1
1.375
1
0
1.25
Bit 6, CAL_SEL—Calibration Type Configuration
Clearing the CAL_SEL bit to 0 configures the ADA4254 to
perform quick calibrations. Setting CAL_SEL to 1 configures
the ADA4254 to perform full calibrations.
Bits[5:4], CAL_EN[1:0]—Scheduled Calibration Enable
and Interval
CAL_EN enables scheduled calibrations and configures the
interval on which these calibrations execute. While calibrations
are executing, the inputs of the PGIA are not connected to the
input pins. The CAL_BUSY signal indicates when a calibration
is executing. CAL_BUSY can be output to GPIO2 by configuring
GPIO2 as an output via GPIO_DIR and setting CAL_BUSY_OUT
to 1. Minimize and avoid noise and input transients during
calibrations.
Table 31. Scheduled Calibration Configurations
CAL_EN, Bit 1
CAL_EN, Bit 0
Scheduled Calibration
Configuration
0
0
Disabled
0
1
Enabled, 33 sec interval
1
0
Enabled, 132 sec interval
1
1
Enabled, 495 sec interval
Bits[3:0], TEST_MUX[3:0]—Input Test Multiplexer
Configuration
The TEST_MUX[3:0] bits are used to configure the input test
multiplexers, which can switch four different signals to either of
the inputs for diagnostic and calibration purposes. These potentials
are AVSS, DVSS, +20 mV, and −20 mV. SW_C1 and SW_C2
must also be set to 1 for the outputs of these multiplexers to be
connected to the amplifier inputs.
Table 32. Test Multiplexer Configurations
TEST_MUX[3:0]
Noninverting Input
Inverting Input
0000
AVSS
AVSS
0001
DVSS
AVSS
0100
AVSS
DVSS
0101
DVSS
DVSS
1010
+20 mV
1111
−20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com