Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 15 of 59
–10
–8
–6
–4
–2
0
2
4
6
8
10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
N = 15 UNITS
Figure 31. Input Bias Current vs. Temperature
–20
–15
–10
–5
0
5
10
15
20
–24 –20 –16 –12
–8
-4
0
4
8
12
16
20
24
INPUT COMMON-MODE VOLTAGE (V)
IB+
IB–
VSSH = –25V
VDDH = +25V
Figure 32. Input Bias Current vs. Input Common-Mode Voltage
–20
–15
–10
–5
0
5
10
15
20
–90
–75
–60
–45
–30
–15
0
15
30
45
60
INPUT VOLTAGE (V)
OVP
VSSH – 60V
OVP
VSSH + 60V
±15
VSSH = –15V
VDDH = +15V
Figure 33. Input Overvoltage Performance, VDDH/VSSH = ±15 V
–5
–4
–3
–2
–1
0
1
2
3
4
5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
N = 15 UNITS
Figure 34. Input Offset Current vs. Temperature
–10
–8
–6
–4
–2
0
2
4
6
8
10
–24 –20 –16 –12
–8
–4
0
4
8
12
16
20
24
INPUT COMMON-MODE VOLTAGE (V)
VSSH = –25V
VDDH = +25V
Figure 35. Input Offset Current vs. Input Common-Mode Voltage
–20
–15
–10
–5
0
5
10
15
20
–
75 –65 –55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65
INPUT VOLTAGE (V)
OVP
VSSH – 60V
OVP
VSSH + 60V
±5
VSSH = –5V
VDDH = +5V
Figure 36. Input Overvoltage Performance, VDDH/VSSH = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com