Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 29Page - Analog Devices ADE7978 Datasheet HTML 30Page - Analog Devices ADE7978 Datasheet HTML 31Page - Analog Devices ADE7978 Datasheet HTML 32Page - Analog Devices ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices ADE7978 Datasheet HTML 35Page - Analog Devices ADE7978 Datasheet HTML 36Page - Analog Devices ADE7978 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 33 of 125
Pseudo Differential Signal Voltage Range Between the IP
and IM Pins, V1P and VM Pins, and V2P and VM Pins
This range represents the peak-to-peak pseudo differential volt-
age that must be applied to the ADCs to generate a full-scale
response when the IM and VM pins are connected to the GNDISO
pin (Pin 2). The IM and VM pins are connected to the GNDISO
pin using antialiasing filters (see Figure 42).
Figure 43 shows the input voltage range between the IP and IM
pins. Figure 44 shows the input voltage range between the V1P
and VM pins and between the V2P and VM pins.
IP
IM
IP – IM
0V
0V
0V
+31.25mV
–31.25mV
+31.25mV
–31.25mV
Figure 43. Pseudo Differential Input Voltage Range
Between the IP and IM Pins
+500mV
–500mV
+500mV
–500mV
V1P, V2P
V1P – VM,
V2P – VM
VM
0V
0V
0V
Figure 44. Pseudo Differential Input Voltage Range
Between the V1P and VM Pins and Between the V2P and VM Pins
Maximum VM and IM Voltage Range
The maximum VM and IM voltage range represents the maxi-
mum allowed voltage at the VM and IM pins relative to the
GNDISO pin (Pin 10).
Crosstalk
Crosstalk represents the leakage of signals, usually via capacitance
between circuits. Crosstalk in the current channel is measured by
setting the IP and IM pins to the GNDISO pin (Pin 10), supplying
a full-scale alternate differential voltage between the V1P, V2P,
and VM pins of the voltage channel, and measuring the output
of the current channel.
Crosstalk in the V1 voltage channel is measured by setting the
V1P and VM pins to the GNDISO pin (Pin 10), supplying a full-
scale alternate differential voltage at the IP and V2P pins, and
measuring the output of the V1P channel. Crosstalk in the V2
voltage channel is measured by setting the V2P and VM pins to
the GNDISO pin (Pin 10), supplying a full-scale alternate differential
voltage at the IP and V1P pins, and measuring the output of the
V2 channel.
Crosstalk is equal to the ratio between the grounded ADC
output value and the ADC full-scale output value. The ADC
outputs are acquired for 2 sec. Crosstalk is expressed in decibels.
Input Impedance to Ground, DC
The input impedance to ground represents the impedance
measured at each ADC input pin (IP, IM, V1P, V2P, and VM)
with respect to GNDISO (Pin 10).
ADC Offset Error
ADC offset error is the difference between the average measured
ADC output code with both inputs connected to GNDISO and the
ideal ADC output code. The magnitude of the offset depends
on the input range of each channel.
ADC Offset Drift over Temperature
ADC offset drift is the change in offset over temperature.
ADC offset drift is determined by measuring the ADC offset
at −40°C, +25°C, and +85°C. The offset drift over temperature
is computed as follows:
Drift =
(
)
(
)
(
) (
)
(
)
(
)
(
) (
) 
°
−
°
×
°
°
−
°
°
−
°
−
×
°
°
−
°
−
C
25
C
85
C
25
C
25
C
85
,
C
25
C
40
C
25
C
25
C
40
max
Offset
Offset
Offset
Offset
Offset
Offset
Offset drift is expressed in ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com