Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 32Page - Analog Devices ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices ADE7978 Datasheet HTML 35Page - Analog Devices ADE7978 Datasheet HTML 36Page - Analog Devices ADE7978 Datasheet HTML 37Page - Analog Devices ADE7978 Datasheet HTML 38Page - Analog Devices ADE7978 Datasheet HTML 39Page - Analog Devices ADE7978 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 36 of 125
Oversampling
Oversampling is the first technique used to achieve high reso-
lution. Oversampling means that the signal is sampled at a rate
(frequency) that is many times higher than the bandwidth of
interest. For example, when XTAL1 = 4.096 MHz, the sampling
rate in the ADE7933/ADE7932 and ADE7923 is 1.024 MHz,
whereas the bandwidth of interest is 40 Hz to 3.3 kHz. Over-
sampling has the effect of spreading the quantization noise (noise
due to sampling) over a wider bandwidth. With the noise spread
more thinly over a wider bandwidth, the quantization noise in
the band of interest is lowered (see Figure 48).
NOISE
SIGNAL
NOISE
SIGNAL
0
3.3 4
512
FREQUENCY (kHz)
HIGH RESOLUTION
OUTPUT FROM
ADE7978 DIGITAL LPF
1024
0
3.3 4
512
FREQUENCY (kHz)
1024
ADE7978
DIGITAL FILTER
SHAPED NOISE
ANTIALIASING FILTER
(RC)
SAMPLING
FREQUENCY
Figure 48. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
However, oversampling alone is not sufficient to improve the
signal-to-noise ratio (SNR) in the bandwidth of interest. For
example, an oversampling ratio of 4 is required to increase the
SNR by only 6 dB (1 bit). To keep the oversampling ratio at a
reasonable level, it is possible to shape the quantization noise so
that the majority of the noise lies at the higher frequencies (see
the Noise Shaping section).
Noise Shaping
Noise shaping is the second technique used to achieve high
resolution. In the Σ-∆ modulator, the noise is shaped by the
integrator, which has a high-pass type response for the quantization
noise. The result is that most of the noise is at the higher
frequencies where it can be removed by the digital low-pass
filter in the ADE7978. This noise shaping is shown in Figure 48.
Antialiasing Filter
As shown in Figure 47, an external low-pass analog RC filter is
required on the input to the ADE7933/ADE7932 and ADE7923
ADC. The role of this filter is to prevent aliasing. Aliasing is an
artifact of all sampled systems, as shown in Figure 49. Aliasing
refers to the frequency components in the input signal to the
ADC that are imaged or folded back and appear in the sampled
signal at a frequency below half the sampling rate. This effect
occurs with signals that are higher than half the sampling rate of
the ADC (also known as the Nyquist frequency, that is, 512 kHz).
ALIASING EFFECTS
SAMPLING
FREQUENCY
IMAGE
FREQUENCIES
0
3.3
4
512
FREQUENCY (kHz)
1024
Figure 49. Aliasing Effects
In Figure 49, only frequencies near the sampling frequency of
1.024 MHz move into the band of interest for metering, that is,
40 Hz to 3.3 kHz. To attenuate high frequency (near 1.024 MHz)
noise and prevent the distortion of the band of interest, a low-pass
filter (LPF) must be introduced. It is recommended that one RC
filter with a corner frequency of 5 kHz be used for the attenuation
to be sufficiently high at the sampling frequency of 1.024 MHz.
The 20 dB per decade attenuation of this filter is usually sufficient
to eliminate the effects of aliasing for conventional current sensors.
ADC Transfer Function
The ADE7933/ADE7932 and ADE7923 provide a stream of bits
at the DATA pin based on the SYNC clock signal provided by
the ADE7978 (see the Bit Stream Communication Between the
ADE7978 and the ADE7933/ADE7932 section). The ADE7978
digital filter processes the bit streams coming from all ADE7933,
ADE7932, and ADE7923 devices in the system and produces
the 24-bit signed output codes of the ADCs.
With a full-scale input signal of ±31.25 mV on the current
channel and ±0.5 V on the voltage channels and with an internal
reference of 1.2 V, the ADC output code is nominally 5,320,000
and usually varies for each ADE7933/ADE7932 and ADE7923
around this value. The code obtained by the ADE7978 from the
ADE7933/ADE7932 and ADE7923 ADCs can vary from
0x800000 (−8,388,608) to 0x7FFFFF (+8,388,607); this code is
equivalent to an input signal level of ±49.27 mV on the current
channel and ±0.788 V on the voltage channels. However, for
specified performance, do not exceed the nominal range of
±31.25 mV for the current channel and ±0.5 V for the voltage
channels; ADC performance is guaranteed only for input
signals within these limits. For input signals outside these
limits, the digital low pass filter of the ADCs (see Figure 47)
overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com