Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 76 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 72Page - Analog Devices ADE7978 Datasheet HTML 73Page - Analog Devices ADE7978 Datasheet HTML 74Page - Analog Devices ADE7978 Datasheet HTML 75Page - Analog Devices ADE7978 Datasheet HTML 76Page - Analog Devices ADE7978 Datasheet HTML 77Page - Analog Devices ADE7978 Datasheet HTML 78Page - Analog Devices ADE7978 Datasheet HTML 79Page - Analog Devices ADE7978 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 76 of 125
Bits[3:2] (VARACC[1:0]) in the ACCMODE register specify the
accumulation mode of the total and fundamental reactive powers
when signals proportional to the reactive powers are selected at
the CFx pins (the CFxSEL[2:0] bits in the CFMODE register are
set to 001 or 100). These bits also specify the accumulation mode
of the var-hour energy registers (AVARHR, BVARHR, CVARHR,
AFVARHR, BFVARHR, and CFVARHR).
When VARACC[1:0] = 00 (the default value), the reactive powers
are sign accumulated in the var-hour energy registers before
entering the energy-to-frequency converter. Figure 98 shows
how signed reactive power accumulation works. In this mode,
the CFx pulses synchronize perfectly with the reactive energy
accumulated in the xVARHR and xFVARHR registers because
the powers are sign accumulated in both datapaths.
NEG
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO LOAD
THRESHOLD
REACTIVE
POWER
NO LOAD
THRESHOLD
REACTIVE
ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 98. Reactive Power Signed Accumulation Mode
The VARACC[1:0] = 01 setting is reserved, and the ADE7978
behaves identically to the case when VARACC[1:0] = 00.
When VARACC[1:0] = 10, the reactive powers are accumulated
depending on the sign of the corresponding active power in the
var-hour energy registers before entering the energy-to-frequency
converter. If the active power is positive or considered 0 when
lower than the no load threshold APNOLOAD, the reactive
power is accumulated as is. If the active power is negative, the
sign of the reactive power is changed for accumulation.
Figure 99 shows how the sign adjusted reactive power
accumulation mode works. In this mode, the CFx pulses
synchronize perfectly with the reactive energy accumulated in
the xVARHR and xFVARHR registers because the powers are
accumulated in the same way in both datapaths.
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO LOAD
THRESHOLD
NO LOAD
THRESHOLD
NO LOAD
THRESHOLD
REACTIVE
POWER
ACTIVE
POWER
REACTIVE
ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 99. Reactive Power Sign Adjusted Mode
When VARACC[1:0] = 11, the reactive powers are accumulated
in absolute mode. When the powers are negative, they change
sign and are accumulated together with the positive power in
the var-hour registers before entering the energy-to-frequency
converter. In this mode, the CFx pulses synchronize perfectly
with the reactive energy accumulated in the xVARHR and
xFVARHR registers. Figure 100 shows how absolute reactive
power accumulation works.
NEG
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO LOAD
THRESHOLD
REACTIVE POWER
NO LOAD
THRESHOLD
REACTIVE ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 100. Reactive Power Absolute Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com