Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 13Page - Analog Devices ADE7978 Datasheet HTML 14Page - Analog Devices ADE7978 Datasheet HTML 15Page - Analog Devices ADE7978 Datasheet HTML 16Page - Analog Devices ADE7978 Datasheet HTML 17Page - Analog Devices ADE7978 Datasheet HTML 18Page - Analog Devices ADE7978 Datasheet HTML 19Page - Analog Devices ADE7978 Datasheet HTML 20Page - Analog Devices ADE7978 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 17 of 125
ADE7923 SPECIFICATIONS
VDD = 3.3 V ± 10%, GND = 0 V, on-chip reference, XTAL1 = 4.096 MHz, TMIN to TMAX = −40°C to +85°C, TTYP = 25°C.
Table 10.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUTS
Pseudo Differential Signal Voltage Range
Between IP and IM Pins
−31.25
+31.25
mV peak
IM pin connected to GND
ISO
Between V1P and VM Pins and
Between V2P and VM Pins
−500
+500
mV peak
Pseudo differential inputs between V1P
and VM pins and between V2P and VM pins,
VM pin connected to GND
ISO
Maximum VM and IM Voltage
−25
+25
mV
Crosstalk
−90
dB
IP and IM inputs set to 0 V (GND
ISO), V1P and
V2P inputs at full scale
−105
dB
V2P or V1P and VM inputs set to 0 V (GND
ISO),
IP and V1P or V2P inputs at full scale
Input Impedance to GND
ISO (DC)
IP, IM, V1P, and V2P Pins
480
kΩ
VM Pin
280
kΩ
Current Channel ADC Offset Error
−2
mV
Voltage Channel ADC Offset Error
−35
mV
V1 and V2 channels
ADC Offset Drift over Temperature
±200
ppm/°C
V1 channel only
Gain Error
−4
+4
%
Gain Drift over Temperature
−135
+135
ppm/°C
Current channel
−85
+85
ppm/°C
V1 and V2 channels
AC Power Supply Rejection
−90
dB
VDD = 3.3 V + 120 mV rms at 50 Hz/100 Hz,
IP = V1P = V2P = GND
ISO
DC Power Supply Rejection
−80
dB
VDD = 3.3 V ± 330 mV dc, IP = 6.25 mV rms,
V1P = V2P = 100 mV rms
TEMPERATURE SENSOR
Accuracy
±5
°C
CLOCK INPUT
All specifications for XTAL1 = 4.096 MHz
Input Clock Frequency, XTAL1
3.6
4.096
4.21
MHz
Nominal value provided by the ADE7978,
minimum and maximum values apply
when the AD7923 are used without the
ADE7978
XTAL1 Duty Cycle
45
50
55
%
Values apply when the AD7923 are used
without the ADE7978
XTAL1 Logic Inputs
Input High Voltage, V
INH
2.4
V
Input Low Voltage, V
INL
0.8
V
XTAL1 Total Capacitance2
40
pF
XTAL2 Total Capacitance2
40
pF
LOGIC INPUTS—SYNC, V2/TEMP, RESET_EN
Input High Voltage, V
INH
2.4
V
Input Low Voltage, V
INL
0.8
V
Input Current, I
IN
0.015
1
µA
Input Capacitance, C
IN
10
pF
LOGIC OUTPUTS—DATA
Output High Voltage, V
OH
2.5
V
I
SOURCE = 800 µA
Output Low Voltage, V
OL
0.4
V
I
SINK = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com