Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 56 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 52Page - Analog Devices ADE7978 Datasheet HTML 53Page - Analog Devices ADE7978 Datasheet HTML 54Page - Analog Devices ADE7978 Datasheet HTML 55Page - Analog Devices ADE7978 Datasheet HTML 56Page - Analog Devices ADE7978 Datasheet HTML 57Page - Analog Devices ADE7978 Datasheet HTML 58Page - Analog Devices ADE7978 Datasheet HTML 59Page - Analog Devices ADE7978 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 56 of 125
VOLTAGE RMS IN DELTA CONFIGURATIONS
In 3-phase, 3-wire delta configurations, Phase B is considered
the ground of the system, and the Phase A and Phase C voltages
are measured relative to it (see Figure 113). This configuration
is selected by setting Bits[5:4] (CONSEL[1:0]) equal to 01 in the
ACCMODE register (Address 0xE701). Table 24 lists all config-
urations where the ADE7978 can be used.
In the 3-phase, 3-wire delta configuration (see Figure 77), all
Phase B active, reactive, and apparent powers are 0. The ADE7978
subtracts the uncompensated and unfiltered instantaneous values
of the Phase A and Phase C voltages and sends them to the
regular Phase B datapath: VB = VA − VC. The rms value of the
result—that is, the line voltage between Phase A and Phase C—
is computed and stored in the BVRMS register. The BFVRMS
register contains the rms of the fundamental component of the
BVRMS line voltage.
The BVGAIN, BPHCAL, BVRMSOS, and BFVRMSOS registers
can be used to calibrate the BVRMS and BFVRMS registers
computed in this configuration.
In 3-phase, 4-wire delta configurations, the Phase B voltage is
not sensed, and the Phase A and Phase C voltages are measured
relative to the neutral line (see Figure 114). This configuration
is selected by setting Bits[5:4] (CONSEL[1:0]) equal to 11 in the
ACCMODE register.
In the 3-phase, 4-wire delta configuration (see Figure 78), the
ADE7978 calculates the opposite of the uncompensated and
unfiltered instantaneous value of the Phase A voltage and sends
the value to the regular Phase B datapath: VB = −VA.
PHASE A
ADE7933
PHASE C
ADE7933
ADE7978
AVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
DIGITAL
LPF
BVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
CVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
DIGITAL
LPF
FUNDAMENTAL VOLTAGE
RMS (BFVRMS) CALCULATION
VOLTAGE RMS (BVRMS)
CALCULATION
Figure 77. Phase B Voltage Calculation in 3P3W Delta Configuration (CONSEL = 01 in the ACCMODE Register)
PHASE A
ADE7933
ADE7978
AVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
DIGITAL
LPF
BVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
FUNDAMENTAL VOLTAGE
RMS (BFVRMS) CALCULATION
VOLTAGE RMS (BVRMS)
CALCULATION
–1
Figure 78. Phase B Voltage Calculation in 3P4W Delta Configuration (CONSEL = 11 in the ACCMODE Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com