Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 100 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 96Page - Analog Devices ADE7978 Datasheet HTML 97Page - Analog Devices ADE7978 Datasheet HTML 98Page - Analog Devices ADE7978 Datasheet HTML 99Page - Analog Devices ADE7978 Datasheet HTML 100Page - Analog Devices ADE7978 Datasheet HTML 101Page - Analog Devices ADE7978 Datasheet HTML 102Page - Analog Devices ADE7978 Datasheet HTML 103Page - Analog Devices ADE7978 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 100 of 125
SPI-COMPATIBLE INTERFACE
The SPI interface of the ADE7978 is always a slave in the
communication and consists of four pins (with dual functions):
SCLK/SCL, MOSI/SDA, MISO/HSD, and SS/HSA. The functions
used in the SPI-compatible interface are SCLK, MOSI, MISO,
and SS.
The serial clock for a data transfer is applied at the SCLK logic
input. All data transfer operations are synchronized to the serial
clock. The maximum serial clock frequency supported by the
SPI interface is 2.5 MHz.
Data shifts into the ADE7978 at the MOSI logic input on the
falling edge of SCLK, and the ADE7978 samples it on the rising
edge of SCLK. Data shifts out of the ADE7978 at the MISO
logic output on the falling edge of SCLK and is sampled by the
master device on the rising edge of SCLK. The most significant
bit of the word is shifted in and out first. MISO stays in high
impedance when no data is transmitted from the ADE7978.
Figure 128 shows the connection between the ADE7978 SPI
interface and a master device that contains an SPI interface.
MOSI
MISO
SCLK
ADE7978
MOSI
MISO
SCK
SPI DEVICE
SS
SS
Figure 128. Connecting the ADE7978 SPI Interface to an SPI Device
The SS logic input is the chip select input. This input is used when
multiple devices share the serial bus. Drive the SS input low for
the entire data transfer operation. Bringing SS high during a data
transfer operation aborts the transfer and places the serial bus in a
high impedance state. A new transfer can be initiated by returning
the SS logic input low. However, aborting a data transfer before
completion leaves the accessed register in a state that cannot be
guaranteed. Every time a register is written, its value should be
verified by reading it back. The protocol is similar to the protocol
used in the I2C interface.
SPI Write Operation
A write operation using the SPI interface of the ADE7978 is
initiated when the master sets the SS pin low and begins sending
one byte, representing the slave address of the ADE7978, on the
MOSI line (see Figure 129). The master sends data on the MOSI
line starting with the first high to low transition of SCLK. The
SPI interface of the ADE7978 samples the data on the low to high
transitions of SCLK.
The most significant seven bits of the address byte can have any
value, but as a good programming practice, these bits should have
a value other than 0111000, which is the 7-bit address used in the
I2C protocol. Bit 0 of the address byte is the read/write bit. For a
write operation, Bit 0 must be cleared to 0. The master then sends
the 16-bit address of the register that is to be written followed
by the 32-, 16-, or 8-bit value of that register without losing an
SCLK cycle. After the last bit is transmitted, the master sets the
SS and SCLK lines high at the end of the SCLK cycle, and the
communication ends. The data lines, MOSI and MISO, enter a
high impedance state.
0
15 14
SCLK
MOSI
1
0 31 30
1
0
0
0
0
0
0
0
0
REGISTER ADDRESS
REGISTER VALUE
SS
Figure 129. SPI Write Operation of a 32-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com