Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 102 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 102 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 98Page - Analog Devices ADE7978 Datasheet HTML 99Page - Analog Devices ADE7978 Datasheet HTML 100Page - Analog Devices ADE7978 Datasheet HTML 101Page - Analog Devices ADE7978 Datasheet HTML 102Page - Analog Devices ADE7978 Datasheet HTML 103Page - Analog Devices ADE7978 Datasheet HTML 104Page - Analog Devices ADE7978 Datasheet HTML 105Page - Analog Devices ADE7978 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 102 of 125
HSDC INTERFACE
The high speed data capture (HSDC) interface is disabled by
default. It can be used only when the ADE7978 is configured for
the I2C interface. The SPI interface of the ADE7978 cannot be
used at the same time as the HSDC interface.
When Bit 6 (HSDCEN) is set to 1 in the CONFIG register, the
HSDC interface is enabled. If the HSDCEN bit is cleared to 0
(the default value), the HSDC interface is disabled. Setting this
bit to 1 when the SPI interface is in use has no effect on the part.
The HSDC interface is used to send data to an external device
(usually a microprocessor or a DSP); this data can consist of up
to sixteen 32-bit words. The words represent the instantaneous
values of the phase currents and voltages, neutral current, and
active, reactive, and apparent powers. The registers transmitted
are IAWV, VAWV, IBWV, VBWV, ICWV, VCWV, INWV, AVA,
BVA, CVA, AWATT, BWATT, CWATT, AVAR, BVAR, and
CVAR. These 24-bit registers are sign extended to 32 bits
(see Figure 53).
HSDC can interface with SPI or similar interfaces; HSDC is
always the master of the communication. The HSDC interface
consists of three pins: HSA, HSD, and HSCLK. HSA represents
the select signal. It stays active low or high when a word is trans-
mitted and is usually connected to the select pin of the slave. HSD
sends data to the slave and is usually connected to the data input
pin of the slave. HSCLK is the serial clock line that is generated
by the ADE7978; HSCLK is usually connected to the serial clock
input of the slave. Figure 132 shows the connections between
the ADE7978 HSDC interface and a slave device containing an
SPI interface.
ADE7978
HSD
MOSI
HSCLK
SCK
HSA
SS
SPI DEVICE
Figure 132. Connecting the ADE7978 HSDC Interface to an SPI Slave
HSDC communication is managed by the HSDC_CFG register
(see Table 60). It is recommended that the HSDC_CFG register
be set to the desired value before the HSDC port is enabled using
Bit 6 (HSDCEN) in the CONFIG register. In this way, the state
of various pins belonging to the HSDC port do not accept levels
inconsistent with the desired HSDC behavior. After a hardware
reset or after power-up, the HSD and HSA pins are set high.
Bit 0 (HCLK) in the HSDC_CFG register determines the serial
clock frequency of the HSDC communication. When the HCLK
bit is set to 0 (the default value), the clock frequency is 8 MHz.
When the HCLK bit is set to 1, the clock frequency is 4 MHz. A
bit of data is transmitted at every HSCLK high to low transition.
The slave device that receives data from the HSDC interface
samples the HSD line on the low to high transition of HSCLK.
The words can be transmitted as 32-bit packages or as 8-bit
packages. When Bit 1 (HSIZE) in the HSDC_CFG register is
set to 0 (the default value), the words are transmitted as 32-bit
packages. When the HSIZE bit is set to 1, the registers are
transmitted as 8-bit packages. The HSDC interface transmits
the words MSB first.
When set to 1, Bit 2 (HGAP) introduces a gap of seven HSCLK
cycles between packages. When the HGAP bit is cleared to 0 (the
default value), no gap is introduced between packages, yielding
the shortest communication time. When HGAP is set to 0, the
HSIZE bit has no effect on the communication, and a data bit is
placed on the HSD line at every HSCLK high to low transition.
Bits[4:3] (HXFER[1:0]) specify how many words are transmitted.
When HXFER[1:0] is set to 00 (the default value), all 16 words
are transmitted. When HXFER[1:0] is set to 01, only the words
representing the instantaneous values of phase and neutral
currents and phase voltages are transmitted in the following
order: IAWV, VAWV, IBWV, VBWV, ICWV, VCWV, and
INWV. When HXFER[1:0] is set to 10, only the instantaneous
values of phase powers are transmitted in the following order:
AVA, BVA, CVA, AWATT, BWATT, CWATT, AVAR, BVAR, and
CVAR. The value 11 for HXFER[1:0] is reserved, and writing it
is equivalent to writing 00, the default value.
Bit 5 (HSAPOL) specifies the polarity of the HSA function on
the HSA pin during communication. When the HSAPOL bit is
set to 0 (the default value), the HSA pin is active low during the
communication; that is, HSA stays high when no communication
is in progress. When a communication is executed, HSA is low
when the 32-bit or 8-bit packages are transferred and high during
the gaps. When the HSAPOL bit is set to 1, the HSA pin is active
high during the communication; that is, HSA stays low when no
communication is in progress. When a communication is executed,
HSA is high when the 32-bit or 8-bit packages are transferred and
is low during the gaps.
Bits[7:6] of the HSDC_CFG register are reserved. Any value
written into these bits has no effect on HSDC behavior.
Figure 133 shows the HSDC transfer protocol for HGAP = 0,
HXFER[1:0] = 00, and HSAPOL = 0. Note that the HSDC
interface sets a data bit on the HSD line at every HSCLK high to
low transition; the value of the HSIZE bit is irrelevant.
Figure 134 shows the HSDC transfer protocol for HSIZE = 0,
HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0. Note that the
HSDC interface introduces a seven-cycle HSCLK gap between
every 32-bit word.
Figure 135 shows the HSDC transfer protocol for HSIZE = 1,
HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0. Note that the
HSDC interface introduces a seven-cycle HSCLK gap between
every 8-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com