Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 104 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 100Page - Analog Devices ADE7978 Datasheet HTML 101Page - Analog Devices ADE7978 Datasheet HTML 102Page - Analog Devices ADE7978 Datasheet HTML 103Page - Analog Devices ADE7978 Datasheet HTML 104Page - Analog Devices ADE7978 Datasheet HTML 105Page - Analog Devices ADE7978 Datasheet HTML 106Page - Analog Devices ADE7978 Datasheet HTML 107Page - Analog Devices ADE7978 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 104 of 125
CHECKSUM REGISTER
The ADE7978 has a 32-bit checksum register (Address 0xE532)
to ensure that the configuration registers maintain their desired
values. The checksum register verifies all configuration registers
of the ADE7978, as well as the reserved internal registers, which
always maintain their default values.
The ADE7978 computes the cyclic redundancy check (CRC)
based on the IEEE 802.3 standard. The registers are introduced
one by one into a linear feedback shift register (LFSR) generator
starting with the least significant bit (see Figure 136). The 32-bit
result is written to the checksum register. After power-up or after
a hardware or software reset, the CRC is computed on the default
values of the registers, giving a result equal to 0x6BF87803.
2399
0
LFSR
GENERATOR
ARRAY OF 2400 BITS
Figure 136. Checksum Register Calculation
Figure 137 shows how the LFSR generator is used in the CRC
calculation. The configuration registers and the reserved
internal registers form the bits (a2399, a2398,…, a0) used by the
LFSR generator. Bit a0 is the least significant bit of the first
register to enter the LFSR generator; Bit a2399 is the most
significant bit of the last register to enter the LFSR generator.
The formulas that govern the LFSR generator are as follows:
•
bi(0) = 1, i = 0, 1, 2, …, 31, the initial state of the bits that
form the CRC. Bit b0 is the least significant bit, and Bit b31
is the most significant bit.
•
gi, i = 0, 1, 2, …, 31 are the coefficients of the generating
polynomial defined by the IEEE 802.3 standard as follows:
G(x) =
(56)
x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 +
x4 + x2 + x + 1
g0 = g1 = g2 = g4 = g5 = g7 = 1
(57)
g8 = g10 = g11 = g12 = g16 = g22 = g23 = g26 = 1
All other gi coefficients are equal to 0.
FB(j) = aj −1 XOR b31(j − 1)
(58)
b0(j) = FB(j) AND g0
(59)
bi(j) = FB(j) AND gi XOR bi−1(j − 1), i = 1, 2, 3, …, 31 (60)
Equation 58, Equation 59, and Equation 60 must be repeated
for j = 1, 2, …, 2400. The value written to the checksum register
contains the Bits bi(2400), i = 0, 1, …, 31.
Every time a configuration register of the ADE7978 is written
to or changes value inadvertently, Bit 25 (CRC) in the STATUS1
register (Address 0xE503) is set to 1 to indicate that the checksum
value has changed. If Bit 25 (CRC) in the MASK1 register is set
to 1, the IRQ1 interrupt pin is driven low, and the status flag
CRC in the STATUS1 register is set to 1. The status bit is cleared
and the IRQ1 pin returns high after a 1 is written to the CRC
status bit in the STATUS1 register.
If the CRC bit in the STATUS1 register is set to 1 when no register
was written to, it can be assumed that one of the registers has
changed value and, therefore, the configuration of the ADE7978
has changed. The recommended response is to initiate a hard-
ware or software reset to reset all registers, including reserved
registers, to their default values, and then to reinitialize the
configuration registers.
For more information, see the Hardware Reset and
ADE7978/ADE7933/ADE7932 and ADE7923 Chipset Software
Reset sections.
b0
LFSR
FB
g0
g1
g2
g31
b1
g3
b2
b31
a2399, a2398, ..., a2, a1, a0
Figure 137. LFSR Generator Used in Checksum Register Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com