Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 96 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 92Page - Analog Devices ADE7978 Datasheet HTML 93Page - Analog Devices ADE7978 Datasheet HTML 94Page - Analog Devices ADE7978 Datasheet HTML 95Page - Analog Devices ADE7978 Datasheet HTML 96Page - Analog Devices ADE7978 Datasheet HTML 97Page - Analog Devices ADE7978 Datasheet HTML 98Page - Analog Devices ADE7978 Datasheet HTML 99Page - Analog Devices ADE7978 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 96 of 125
Because a 4-layer PCB is used, a stitching capacitor is created
between Layer 2 and Layer 3.
Note that the first layer components placed on the isolated
secondary side of the ADE7933 are surrounded by a ground plane
connected to GNDISO. The second layer also has the same
ground plane on the secondary side of the PCB. The third layer
extends the ground of the primary side below the ADE7933 and
the related circuitry, creating a stitching capacitor. This
capacitance has an important role in reducing the emissions
generated by the dc-to-dc converter of the ADE7933/ADE7932.
Note that a distance of at least 8 mm is maintained on both sides
between the input pins on the board and the ground planes.
Layer 4 has the ground plane on the primary side of the ADE7933.
Figure 124 shows the structure of the stitching capacitor created
by a 4-layer PCB. The isolated ground plane of the second layer
creates a capacitor (C23) with approximately an 1100 mm2 area
and 100 pF capacitance, including the device, with the primary
side ground plane placed on Layer 3.
This capacitance plays an important role in reducing the
emissions generated by the ADE7933/ADE7932 dc-to-dc
converter.
ADE7978 AND ADE7933/ADE7932 EVALUATION
BOARD
An evaluation board built upon the ADE7978 and ADE7933
chipset configuration is available (see the Ordering Guide). This
board is used in conjunction with the system demonstration
platform (EVAL-SDP-CB1Z). Order both the ADE7978/
ADE7933 evaluation board and the system demonstration
platform to evaluate the ADE7978 and ADE7933. For more
information, see the ADE7978 product page.
ADE7978 DIE VERSION
The version register identifies the version of the ADE7978 die.
This 8-bit, read-only register is located at Address 0xE707.
ADE7932/ADE7933
PRIMARY SIDE GROUND
PLANE ON TOP LAYER
ISOLATED SIDE GROUND
PLANE ON TOP LAYER
PRIMARY SIDE GROUND
PLANE ON LAYER THREE
ISOLATED SIDE GROUND
PLANE ON LAYER TWO
PRIMARY SIDE GROUND
PLANE ON BOTTOM LAYER
20MILS = 0.508mm MIN
C23
8mm
50MILS = 1.27mm
62MILS ± 10% =
1.574mm NOMINAL
Figure 124. Stitching Capacitors Created by 4-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com