Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 74 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 70Page - Analog Devices ADE7978 Datasheet HTML 71Page - Analog Devices ADE7978 Datasheet HTML 72Page - Analog Devices ADE7978 Datasheet HTML 73Page - Analog Devices ADE7978 Datasheet HTML 74Page - Analog Devices ADE7978 Datasheet HTML 75Page - Analog Devices ADE7978 Datasheet HTML 76Page - Analog Devices ADE7978 Datasheet HTML 77Page - Analog Devices ADE7978 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 74 of 125
By default, the TERMSELx[2:0] bits are set to 1, the CF1SEL[2:0]
bits are set to 000, the CF2SEL[2:0] bits are set to 001, and the
CF3SEL[2:0] bits are set to 010. Therefore, the default configuration
for the energy-to-frequency converters is as follows:
•
The CF1 converter produces signals proportional to the
sum of the total active powers on all three phases.
•
The CF2 converter produces signals proportional to the
sum of the total reactive powers on all three phases.
•
The CF3 converter produces signals proportional to the
sum of the apparent powers on all three phases.
ENERGY-TO-FREQUENCY CONVERSION PROCESS
The energy-to-frequency conversion is accomplished in two
stages. The first stage is the same as for the energy accumulation
processes described in the Active Energy Calculation, Reactive
Energy Calculation, and Apparent Energy Calculation sections.
The second stage uses the frequency divider implemented by
the 16-bit unsigned registers CF1DEN, CF2DEN, and CF3DEN
(Address 0xE611 to Address 0xE613). The values of the CFxDEN
registers depend on the meter constant (MC), measured in
impulses/kWh, and how much energy is assigned to one LSB of
the various energy registers (xWATTHR, xVARHR, and so on).
For example, if a derivative of Wh (10n Wh, where n is an integer)
is desired as one LSB of the xWATTHR register, CFxDEN is
calculated using the following equation:
n
MC
CFxDEN
10
]
h
W
impulses/k
[
103
×
=
(50)
The derivative of Wh must be selected to obtain a CFxDEN
register value greater than 1. If CFxDEN = 1, the CFx pin stays
active low for only 1 µs. For this reason, do not set the CFxDEN
register to 1. The frequency converter cannot accommodate
fractional results; the result of the division must be rounded to
the nearest integer. If CFxDEN is set equal to 0, the ADE7978
considers it to be equal to 1.
The CFx pulse output stays low for 80 ms if the pulse period is
greater than 160 ms (6.25 Hz). If the pulse period is less than
160 ms and CFxDEN is an even number, the duty cycle of the pulse
output is exactly 50%. If the pulse period is less than 160 ms and
CFxDEN is an odd number, the duty cycle of the pulse output is
(1 + 1/CFxDEN) × 50%
The maximum pulse frequency at the CF1, CF2 or CF3 pins
is 68.8 kHz and is obtained on one phase under the following
conditions:
•
WTHR, VARTHR, and VATHR registers are set to 3.
•
CF1DEN, CF2DEN, and CF3DEN registers are set to 1.
•
Phase is supplied with in-phase full-scale currents and
voltages.
The CFx pulse output is active low. It is recommended that the
pin be connected to an LED, as shown in Figure 93. No transistor
is required to supplement the drive strength of the CFx pin.
VDD
CFx
Figure 93. CFx Pin Recommended Connection
Bits[11:9] (CF3DIS, CF2DIS, and CF1DIS) of the CFMODE
register (Address 0xE610) specify whether the frequency
converter output is generated at the CF3, CF2, or CF1 pin. When
Bit CFxDIS is set to 1 (the default value), the CFx pin is disabled
and the pin stays high. When Bit CFxDIS is cleared to 0, the
corresponding CFx pin output generates an active low signal.
Bits[16:14] (CF3, CF2, and CF1) in the MASK0 register
(Address 0xE50A) manage the CF3, CF2, and CF1 interrupts.
If the CFx bits are set and a high to low transition at the
corresponding frequency converter output occurs, the IRQ0
interrupt is triggered and the appropriate bit in the STATUS0
register is set to 1. The interrupts are available even if the CFx
outputs are not enabled by the CFxDIS bits in the CFMODE
register.
SYNCHRONIZING ENERGY REGISTERS WITH THE
CFx OUTPUTS
The ADE7978 allows the contents of the phase energy
accumulation registers to be synchronized with the generation
of a CFx pulse. When a high to low transition at one frequency
converter output occurs, the contents of all internal phase
energy registers that relate to the power being output at the CFx
pin are latched into the hour registers and then reset to 0. See
Table 30 for the list of registers that are latched based on the
CFxSEL[2:0] bits in the CFMODE register. All three phase
registers are latched independent of the setting of the
TERMSELx[2:0] bits of the COMPMODE register. Figure 94
shows this process for CF1SEL[2:0] = 010 (apparent powers
contribute at the CF1 pin) and CFCYC = 2.
CFCYC = 2
AVAHR, BVAHR,
CVAHR LATCHED
ENERGY REGISTERS
RESET
AVAHR, BVAHR,
CVAHR LATCHED
ENERGY REGISTERS
RESET
CF1 PULSE
BASED ON
PHASE A AND
PHASE B
APPARENT
POWERS
Figure 94. Synchronizing AVAHR and BVAHR with CF1
The 8-bit unsigned CFCYC register (Address 0xE705) contains
the number of high to low transitions at the frequency converter
output between two consecutive latches. Avoid writing a new
value to the CFCYC register during a high to low transition at
any CFx pin.
Bits[14:12] (CF3LATCH, CF2LATCH, and CF1LATCH) of the
CFMODE register enable the latching of the phase energy
accumulation registers when the bits are set to 1. When these
bits are cleared to 0 (the default state), no latching occurs. The
latching process can be used even if the CFx outputs are not
enabled by the CFxDIS bits in the CFMODE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com