Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 90 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 86Page - Analog Devices ADE7978 Datasheet HTML 87Page - Analog Devices ADE7978 Datasheet HTML 88Page - Analog Devices ADE7978 Datasheet HTML 89Page - Analog Devices ADE7978 Datasheet HTML 90Page - Analog Devices ADE7978 Datasheet HTML 91Page - Analog Devices ADE7978 Datasheet HTML 92Page - Analog Devices ADE7978 Datasheet HTML 93Page - Analog Devices ADE7978 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 90 of 125
If only two or three ADE7933/ADE7932/ADE7923 devices are
used, the DATA_B and/or DATA_N pins are connected to VDD.
The waveform samples computed by the ADE7978 that correspond
to these unconnected ADE7933/ADE7932 devices are set to full
scale. After passing through the high-pass filter, the waveform
samples are set to 0, and all quantities computed by the ADE7978
using these samples are 0.
Bits[5:4] (CONSEL[1:0]) in the ACCMODE register
(Address 0xE701) determine the way that the phase powers are
computed in the ADE7978, based on the meter configuration.
For more information, see the Energy Accumulation Modes
section.
The ADE7933/ADE7932/ADE7923 receive a 4.096 MHz clock at
the XTAL1 pin from the ADE7978 CLKOUT pin; the XTAL2 pins
of the ADE7933/ADE7932 and ADE7923 are left open. Do not
clock the ADE7933/ADE7932 or ADE7923 using a crystal
connected between the XTAL1 and XTAL2 pins because the
ADE7933/ADE7932/ADE7923 devices must function synchro-
nously with the ADE7978; using the CLKOUT clock of the
ADE7978 ensures this synchronization.
The ADE7978 RESET_EN pin is connected to the RESET_EN
pins of all ADE7933/ADE7932 and ADE7923 devices in the
system. The ADE7978 VT_A, VT_B, VT_C, and VT_N pins are
connected to the corresponding V2/TEMP pin of each ADE7933/
ADE7932/ADE7923 in the system. For example, the VT_A pin
of the ADE7978 is connected to the V2/TEMP pin of the
ADE7933/ADE7932 that monitors Phase A. If the schematic
does not monitor certain phases, leave the corresponding VT_x
pin of the ADE7978 unconnected. For example, the meter in the
configuration shown in Figure 113 does not monitor Phase B or the
neutral current. Therefore, the VT_B and VT_N pins are left open.
When the RESET pin of the ADE7978 is set low for at least
10 µs and then brought high again, the RESET_EN pin is set
low, and the VT_A, VT_B, VT_C, and VT_N pins toggle eight
times from high to low at a frequency of 4.096 MHz, resetting
the ADE7933/ADE7932/ADE7923 devices. When the RESET_EN,
VT_A, VT_B, VT_C, and VT_N pins are set high again, the reset
of the ADE7933/ADE7932 and ADE7923 devices ends (see the
Hardware Reset section for more information).
The VT_A, VT_B, VT_C, and VT_N pins of the ADE7978 select
the signal measured by the V2 voltage ADC of the ADE7933
and ADE7923: either the second voltage input or the internal
temperature sensor. (The ADE7932 always measures the internal
temperature sensor.) If the VT_x signal is low, the ADC measures
the input signal at the V2P pin. If the VT_x signal is high, the
ADC measures the internal temperature sensor.
The ADE7978 reads the outputs of the ADE7933/ADE7932 and
ADE7923 using a bit stream communication composed of two
signals, SYNC and DATA. The SYNC pin of the ADE7978 is
connected to the SYNC pin of each ADE7933/ADE7932 and
ADE7923 device. The DATA pin of each ADE7933/ADE7932
and ADE7923 is connected to the corresponding DATA_x pin of
the ADE7978 (x = A, B, C, or N). For example, the DATA pin of
the Phase A ADE7933/ADE7932 is connected to the DATA_A
pin of the ADE7978.
If the schematic does not monitor certain phases, connect the
corresponding DATA_x pin of the ADE7978 to VDD. For
example, the meter in the configuration shown in Figure 113
does not monitor Phase B or the neutral current. Therefore, the
DATA_B and DATA_N pins of the ADE7978 are tied to VDD.
The SYNC pin of the ADE7978 generates a 1.024 MHz serial clock
to the ADE7933/ADE7932 and ADE7923 slaves. Each
ADE7933/ADE7932 and ADE7923 responds with a bit stream
generated by the first stage of the ADE7933/ADE7932 and
ADE7923 ADCs (see the Bit Stream Communication Between
the ADE7978 and the ADE7933/ADE7932 and ADE7923
section).
ADE7978 QUICK SETUP AS AN ENERGY METER
An energy meter is usually characterized by the nominal current
(In), nominal voltage (Vn), nominal frequency (fn), and the meter
constant (MC). To quickly set up the ADE7978, follow these steps:
1. If fn = 60 Hz, set Bit 14 (SELFREQ) to 1 in the COMPMODE
register (Address 0xE60E). If fn = 50 Hz, leave the SELFREQ
bit at 0, the default value.
2. Initialize the CF1DEN, CF2DEN, and CF3DEN registers
(Address 0xE611 to Address 0xE613) based on the following
equation:
n
MC
CFxDEN
10
]
imp/kwh
[
103
×
=
For more information, see the Energy-to-Frequency
Conversion section.
3. Initialize the WTHR, VARTHR, and VATHR registers
(Address 0xEA02 to Address 0xEA04) based on the
following equation:
WTHR, VARTHR, and VATHR =
27
2
10
3600
×
×
×
×
×
FS
FS
n
S
I
V
f
PMAX
For more information, see the Active Energy Calculation
section, the Reactive Energy Calculation, and the Apparent
Energy Calculation section.
4. Initialize the VLEVEL register (Address 0x43A2) based on
the following equation:
VLEVEL = VFS/Vn × 4 × 106
For more information, see the Fundamental Active Power
Calculation section.
5. Initialize the VNOM register based on the following equation:
VNOM = V/VFS × 3,761,808
For more information, see the Apparent Power Calculation
Using VNOM section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com