Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 4Page - Analog Devices ADE7978 Datasheet HTML 5Page - Analog Devices ADE7978 Datasheet HTML 6Page - Analog Devices ADE7978 Datasheet HTML 7Page - Analog Devices ADE7978 Datasheet HTML 8Page - Analog Devices ADE7978 Datasheet HTML 9Page - Analog Devices ADE7978 Datasheet HTML 10Page - Analog Devices ADE7978 Datasheet HTML 11Page - Analog Devices ADE7978 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 8 of 125
SPECIFICATIONS
SYSTEM SPECIFICATIONS, ADE7978 AND ADE7933/ADE7932/ADE7923
VDD = 3.3 V ± 10%, GND = DGND = 0 V, ADE7978 XTALIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C, TTYP = 25°C.
Table 1.
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
ACTIVE ENERGY MEASUREMENT
Measurement Error (per Phase)
Total Active Energy
0.1
%
Over a dynamic range of 500 to 1, power factor
(PF) = 1, gain compensation only
0.2
%
Over a dynamic range of 2000 to 1, PF = 1
Fundamental Active Energy
0.1
%
Over a dynamic range of 500 to 1, PF = 1,
gain compensation only
0.2
%
Over a dynamic range of 2000 to 1, PF = 1
AC Power Supply Rejection
VDD = 3.3 V + 120 mV rms at 50 Hz/100 Hz,
IP = 6.25 mV rms, V1P = V2P = 100 mV rms
Output Frequency Variation
0.01
%
DC Power Supply Rejection
VDD = 3.3 V ± 330 mV dc, IP = 6.25 mV rms,
V1P = V2P = 100 mV rms
Output Frequency Variation
0.01
%
Total Active Energy Measurement
Bandwidth
3.3
kHz
REACTIVE ENERGY MEASUREMENT
Measurement Error (per Phase)
Total Reactive Power
0.1
%
Over a dynamic range of 500 to 1, PF = 0,
gain compensation only
0.2
%
Over a dynamic range of 2000 to 1, PF = 0
Fundamental Reactive Power
0.1
%
Over a dynamic range of 500 to 1, PF = 0,
gain compensation only
0.2
%
Over a dynamic range of 2000 to 1, PF = 0
AC Power Supply Rejection
VDD = 3.3 V + 120 mV rms at 50 Hz/100 Hz,
IP = 6.25 mV rms, V1P = V2P = 100 mV rms
Output Frequency Variation
0.01
%
DC Power Supply Rejection
VDD = 3.3 V ± 330 mV dc, IP = 6.25 mV rms,
V1P = V2P = 100 mV rms
Output Frequency Variation
0.01
%
Total Reactive Energy Measurement
Bandwidth
3.3
kHz
RMS MEASUREMENTS
Measurement Bandwidth
3.3
kHz
I rms and V rms
Voltage (V) rms Measurement Error
0.1
%
Over a dynamic range of 500 to 1
Current (I) rms Measurement Error
0.25
%
Over a dynamic range of 500 to 1
Fundamental V rms Measurement Error
0.1
%
Over a dynamic range of 500 to 1
Fundamental I rms Measurement Error
0.25
%
Over a dynamic range of 500 to 1
WAVEFORM SAMPLING
Sampling CLKIN/2048 (16.384 MHz/2048 =
8 kSPS)
Current Channels
See the Waveform Sampling Mode section
Signal-to-Noise Ratio (SNR)
67
dB
Signal-to-Noise-and-Distortion
(SINAD) Ratio
67
dB
Total Harmonic Distortion (THD)
−85
dB
Spurious-Free Dynamic Range (SFDR)
88
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com