Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 98 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 98 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 94Page - Analog Devices ADE7978 Datasheet HTML 95Page - Analog Devices ADE7978 Datasheet HTML 96Page - Analog Devices ADE7978 Datasheet HTML 97Page - Analog Devices ADE7978 Datasheet HTML 98Page - Analog Devices ADE7978 Datasheet HTML 99Page - Analog Devices ADE7978 Datasheet HTML 100Page - Analog Devices ADE7978 Datasheet HTML 101Page - Analog Devices ADE7978 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 98 of 125
I2C Write Operation
A write operation using the I2C interface of the ADE7978 is
initiated when the master generates a start condition, which
consists of one byte representing the slave address of the
ADE7978 followed by the 16-bit address of the target register
and by the value of the register (see Figure 125). The addresses
and the register contents are sent with the most significant bit
first.
The most significant seven bits of the address byte contain the
address of the ADE7978, which is equal to 0111000. Bit 0 of the
address byte is the read/write bit. For a write operation, Bit 0 must
be cleared to 0; therefore, the first byte of the write operation is
0x70. The ADE7978 acknowledges each byte received. Registers
can have 8, 16, or 32 bits; after the last bit of the register is trans-
mitted and the ADE7978 acknowledges the transfer, the master
generates a stop condition.
I2C Read Operation
A read operation using the I2C interface of the ADE7978 is
accomplished in two stages. The first stage sets the pointer to
the address of the register. The second stage reads the contents
of the register.
As shown in Figure 126, the first stage begins when the master
generates a start condition, which consists of one byte representing
the slave address of the ADE7978 followed by the 16-bit address
of the target register. The ADE7978 acknowledges each byte
received. The address byte is similar to the address byte for a
write operation and is equal to 0x70 (see the I2C Write Operation
section).
After the last byte of the register address is sent and acknowledged
by the ADE7978, the second stage begins with the master generat-
ing a new start condition followed by the address byte. The most
significant seven bits of this address byte contain the address of
the ADE7978, which is equal to 0111000. Bit 0 of the address byte
is the read/write bit. For a read operation, Bit 0 must be set to 1;
therefore, the first byte of the read operation is 0x71. After this
byte is received, the ADE7978 generates an acknowledge. The
ADE7978 then sends the value of the register, and, after each byte
is received, the master generates an acknowledge. All bytes are
sent with the most significant bit first. Registers can have 8, 16,
or 32 bits; after the last bit of the register is received, the master
does not acknowledge the transfer but generates a stop condition.
ACK GENERATED
BY ADE7978
S
S
0
15
SLAVE ADDRESS
MOST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
LEAST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
BYTE 3 (MOST
SIGNIFICANT)
OF REGISTER
BYTE 2 OF REGISTER
BYTE 1 OF REGISTER
BYTE 0 (LEAST
SIGNIFICANT) OF
REGISTER
8
7
0
31
24
23
16
15
8
0
7
1 1 1 0 0 0 0
Figure 125. I2C Write Operation of a 32-Bit Register
ACK GENERATED
BY ADE7978
ACK
GENERATED BY
MASTER
S 0
15
SLAVE ADDRESS
MOST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
LEAST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
8
7
0
1 1 1 0 0 0 0
S
S
0
SLAVE ADDRESS
BYTE 3
(MOST SIGNIFICANT)
OF REGISTER
BYTE 2 OF
REGISTER
BYTE 1 OF
REGISTER
BYTE 0
(LEAST SIGNIFICANT)
OF REGISTER
31
24
23
16
15
8
0
7
1
1
1
0
0
0
1
ACK GENERATED
BY ADE7978
Figure 126. I2C Read Operation of a 32-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com