Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 3 Page - Analog Devices

  ADE7978 Datasheet HTML 1Page - Analog Devices ADE7978 Datasheet HTML 2Page - Analog Devices ADE7978 Datasheet HTML 3Page - Analog Devices ADE7978 Datasheet HTML 4Page - Analog Devices ADE7978 Datasheet HTML 5Page - Analog Devices ADE7978 Datasheet HTML 6Page - Analog Devices ADE7978 Datasheet HTML 7Page - Analog Devices ADE7978 Datasheet HTML 8Page - Analog Devices ADE7978 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 3 of 125
Energy-to-Frequency Conversion.................................................73
TERMSELx[2:0] Bits...................................................................73
CFxSEL[2:0] Bits .........................................................................73
Energy-to-Frequency Conversion Process ..............................74
Synchronizing Energy Registers with the CFx Outputs ........74
Energy Registers and CFx Outputs for Various Accumulation
Modes ...........................................................................................75
Sign of Sum of Phase Powers in the CFx Datapath ................77
No Load Condition .........................................................................78
No Load Detection Based on Total Active and Reactive
Powers...........................................................................................78
No Load Detection Based on Fundamental Active and
Reactive Powers...........................................................................78
No Load Detection Based on Apparent Power .......................79
Interrupts..........................................................................................80
Using the Interrupts with an MCU...........................................81
Power Management.........................................................................82
DC-to-DC Converter .................................................................82
Magnetic Field Immunity ..........................................................83
Power-Up Procedure ..................................................................84
Initializing the Chipset...............................................................84
Hardware Reset............................................................................85
ADE7978/ADE7933/ADE7932 and ADE7923 Chipset
Software Reset..............................................................................86
ADE7933/ADE7932 and ADE7923 Software Reset...............86
Low Power Mode ........................................................................86
Applications Information...............................................................87
Differences Between the ADE7923 and the
ADE7933/ADE7932 ...................................................................87
ADE7978, ADE7933/ADE7932 and ADE7923 in Polyphase
Energy Meters..............................................................................87
ADE7978 Quick Setup as an Energy Meter ............................90
Bit Stream Communication Between the ADE7978 and the
ADE7933/ADE7932 and ADE7923..........................................91
ADE7978, ADE7933/ADE7932, and ADE7923 Clocks ........92
Insulation Lifetime......................................................................92
Layout Guidelines .......................................................................93
ADE7978 and ADE7933/ADE7932 Evaluation Board ..........96
ADE7978 Die Version ................................................................96
Serial Interfaces ...............................................................................97
Serial Interface Selection............................................................97
Communication Verification ....................................................97
I2C-Compatible Interface...........................................................97
SPI-Compatible Interface.........................................................100
HSDC Interface.........................................................................102
Checksum Register ...................................................................104
Register List....................................................................................105
Outline Dimensions......................................................................124
Ordering Guide .........................................................................125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com