Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 91 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 87Page - Analog Devices ADE7978 Datasheet HTML 88Page - Analog Devices ADE7978 Datasheet HTML 89Page - Analog Devices ADE7978 Datasheet HTML 90Page - Analog Devices ADE7978 Datasheet HTML 91Page - Analog Devices ADE7978 Datasheet HTML 92Page - Analog Devices ADE7978 Datasheet HTML 93Page - Analog Devices ADE7978 Datasheet HTML 94Page - Analog Devices ADE7978 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 91 of 125
6. Enable the data memory RAM protection by writing 0xAD
to the internal 8-bit register located at Address 0xE7FE,
followed by a write of 0x80 to the internal 8-bit register
located at Address 0xE7E3.
7. Start the DSP by writing 0x0001 to the run register
(Address 0xE228).
BIT STREAM COMMUNICATION BETWEEN THE
ADE7978 AND THE ADE7933/ADE7932 AND
ADE7923
The ADE7978 extracts information from the ADE7933/
ADE7932 and ADE7923 devices of the system using the bit
stream communication shown in Figure 115. The ADE7978
generates a 1.024 MHz clock signal at the SYNC pin. This clock
signal is equal to 1/16 of the ADE7978 internal clock, CLKIN
(CLKIN/16 = 1.024 MHz for XTALIN = 16.384 MHz) and one-
fourth of the ADE7933/ADE7932 and ADE7923 XTAL1 clock
(CLKIN/4). The duty cycle of this clock is 25%.
The low to high transition of SYNC is generated one-fourth of
a cycle before a high to low transition of the CLKIN/4 clock.
SYNC stays high for one CLKIN/4 cycle and stays low for the
rest of the period.
After the first high to low transition of SYNC, the ADE7978
CLKIN/4 transitions from high to low four times. At each high
to low transition of CLKIN/4, the ADE7933/ADE7932 and
ADE7923 devices place these bits on the DATA pin: the bits
coming from the first stage of the ADCs and the bits of the
temperature offset stored in the ADE7933/ADE7932 and
ADE7923 devices. The order of the bits on the Phase A
ADE7933/ADE7932 is VA bit, VA2 bit, temperature offset bit,
and IA bit. The other ADE7933/ADE7932 and ADE7923
devices follow the same pattern. The ADE7978 receives these
bits at its DATA_A, DATA_B, DATA_C, and DATA_N pins. The
process is repeated when a new high to low transition takes place
on SYNC. The delimiters identifying the 8-bit signed number
representing the temperature offset are shown in Figure 116.
Within the frame, the temperature offset is sent out by the
ADE7933/ADE7932 and ADE7923 with the less significant
bit first.
The delimiters identifying the 8-bit signed number representing
the temperature offset are shown in Figure 116. Within the frame,
the temperature offset is sent out by the ADE7933/ADE7932
and ADE7923 with the less significant bit first.
Any master device that can generate a 1.024 MHz SYNC signal
like the one shown in Figure 115 and can filter the bit streams
coming from the DATA pins of the ADE7933/ADE7932 and
ADE7923 devices can replace the ADE7978.
ADE7978
CLKIN/4
SYNC
DATA_A
DATA_B
DATA_C
DATA_N
VA BIT
VA2 BIT
TEMP
OFFSET
VB BIT
VB2 BIT
TEMP
OFFSET
VC BIT
VC2 BIT
TEMP
OFFSET
VN1 BIT
VN2 BIT
TEMP
OFFSET
IA BIT
IB BIT
IC BIT
IN BIT
VA BIT
VB BIT
VC BIT
VN1 BIT
Figure 115. Bit Stream Communication Between the ADE7978 and the ADE7933/ADE7932 Devices
BIT7
BIT6
BIT5
BIT4
4 LEAST SIGNIFICANT
BITS OF TEMPERATURE
OFFSET
1
1
BIT3
BIT2
BIT1
BIT0
4 MOST SIGNIFICANT
BITS OF TEMPERATURE
OFFSET
1
0
0
0
0
0
EARLIEST BIT OF
THE FRAME
LAST BIT OF
THE FRAME
Figure 116. Temperature Offset Bit Stream Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com