Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 86 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 82Page - Analog Devices ADE7978 Datasheet HTML 83Page - Analog Devices ADE7978 Datasheet HTML 84Page - Analog Devices ADE7978 Datasheet HTML 85Page - Analog Devices ADE7978 Datasheet HTML 86Page - Analog Devices ADE7978 Datasheet HTML 87Page - Analog Devices ADE7978 Datasheet HTML 88Page - Analog Devices ADE7978 Datasheet HTML 89Page - Analog Devices ADE7978 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 86 of 125
ADE7978/ADE7933/ADE7932 AND ADE7923
CHIPSET SOFTWARE RESET
Bit 7 (SWRST) in the CONFIG register (Address 0xE618) manages
the software reset functionality of the ADE7978, ADE7933/
ADE7932, and ADE7923 devices. The default value of this bit
is 0. If this bit is set to 1, the ADE7978, ADE7933/ADE7932, and
ADE7923 devices enter the software reset state. In this state, all
internal registers are reset to their default values. However, the
serial port selection, I2C or SPI, remains unchanged if the lock-
in procedure was executed before the reset (see the Serial
Interface Selection section for more information).
The ADE7978 signals the end of the reset by pulling the IRQ1
interrupt pin low and setting Bit 15 (RSTDONE) in the STATUS1
register (Address 0xE503) to 1. This bit is set to 0 during the reset
and is set to 1 when the reset ends. Write a 1 to the RSTDONE
status bit to clear the bit; the IRQ1 pin returns high.
After a software reset, all registers in the ADE7978 are reset to
their default values, the DSP is in idle mode, and Bit 7 (SWRST)
is cleared to 0. Reinitialize all ADE7978 registers, enable the
DSP RAM write protection, and start the DSP, as described in
the Initializing the Chipset section (Step 5 to Step 12). For more
information about data memory RAM protection and the run
register, see the Digital Signal Processor section.
During a software reset of the ADE7978, the ADE7978
resets the ADE7933/ADE7932 and ADE7923 devices while
continuing to generate the clock at the CLKOUT pin. The
ADE7978 RESET_EN pin goes low, and the VT_A, VT_B,
VT_C, and VT_N pins toggle eight times from high to low at a
frequency of 4.096 MHz (CLKIN/4). The RESET_EN, VT_A,
VT_B, VT_C, and VT_N pins are then taken high, and the reset
ends.
ADE7933/ADE7932 AND ADE7923 SOFTWARE
RESET
To reset only the ADE7933/ADE7932 and ADE7923 devices
without resetting the ADE7978, use Bit 7 (ADE7933_SWRST)
in the CONFIG3 register (Address 0xE708). This bit resets the
ADE7933/ADE7932 and ADE7923 devices by setting the
RESET_EN pin low and toggling the VT_A, VT_B, VT_C, and
VT_N pins from high to low eight times at 4.096 MHz
(CLKIN/4). When the reset ends, the ADE7933_SWRST bit is
cleared to 0.
The recommended procedure to perform a software reset of the
ADE7933/ADE7932 and ADE7923 devices only is as follows:
1. Write to the CONFIG3 register with Bit 7 (ADE7933_
SWRST) set to 1.
2. Read back the CONFIG3 register until Bit 7 reads as 0,
indicating that the reset has ended.
LOW POWER MODE
Under certain conditions, it may be desirable to lower the
current consumption of the chipset; in this case, the ADE7978,
ADE7933/ADE7932, and ADE7923 can be set to a low power
mode.
To enter low power mode, set Bit 6 (CLKOUT_DIS) and Bit 7
(ADE7933_SWRST) in the CONFIG3 register (Address 0xE708)
to 1. The ADE7978 stops generating the clock to the ADE7933/
ADE7932 and ADE7923 devices and places them in the reset
state.
To exit the low power mode, clear Bit 6 (CLKOUT_DIS) and
Bit 7 (ADE7933_SWRST) in the CONFIG3 register to 0. During
low power mode, the ADE7978 registers maintain their
configurations, so they do not need to be reinitialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com