Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 108 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 104Page - Analog Devices ADE7978 Datasheet HTML 105Page - Analog Devices ADE7978 Datasheet HTML 106Page - Analog Devices ADE7978 Datasheet HTML 107Page - Analog Devices ADE7978 Datasheet HTML 108Page - Analog Devices ADE7978 Datasheet HTML 109Page - Analog Devices ADE7978 Datasheet HTML 110Page - Analog Devices ADE7978 Datasheet HTML 111Page - Analog Devices ADE7978 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 108 of 125
Table 42. Configuration and Power Quality Registers
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE500
IPEAK
R
32
32
U
N/A
Current peak register (see Figure 70 and
Table 43 for more information).
0xE501
VPEAK
R
32
32
U
N/A
Voltage peak register (see Figure 70 and
Table 44 for more information).
0xE502
STATUS0
R/W
32
32
U
N/A
Interrupt Status Register 0 (see Table 45).
0xE503
STATUS1
R/W
32
32
U
N/A
Interrupt Status Register 1 (see Table 46).
0xE504
to
0xE506
Reserved
These addresses should not be written for
proper operation.
0xE507
OILVL
R/W
24
32 ZP
U
0xFFFFFF
Overcurrent threshold.
0xE508
OVLVL
R/W
24
32 ZP
U
0xFFFFFF
Overvoltage threshold.
0xE509
SAGLVL
R/W
24
32 ZP
U
0x000000
Voltage sag level threshold.
0xE50A
MASK0
R/W
32
32
U
0x00000000
Interrupt Enable Register 0 (see Table 47).
0xE50B
MASK1
R/W
32
32
U
0x00000000
Interrupt Enable Register 1 (see Table 48).
0xE50C
IAWV
R
24
32 SE
S
N/A
Instantaneous value of Phase A current.
0xE50D
IBWV
R
24
32 SE
S
N/A
Instantaneous value of Phase B current.
0xE50E
ICWV
R
24
32 SE
S
N/A
Instantaneous value of Phase C current.
0xE50F
INWV
R
24
32 SE
S
N/A
Instantaneous value of neutral current.
0xE510
VAWV
R
24
32 SE
S
N/A
Instantaneous value of Phase A voltage.
0xE511
VBWV
R
24
32 SE
S
N/A
Instantaneous value of Phase B voltage.
0xE512
VCWV
R
24
32 SE
S
N/A
Instantaneous value of Phase C voltage.
0xE513
VA2WV
R
24
32 SE
S
N/A
Instantaneous value of Phase A V2P voltage.
0xE514
VB2WV
R
24
32 SE
S
N/A
Instantaneous value of Phase B V2P voltage.
0xE515
VC2WV
R
24
32 SE
S
N/A
Instantaneous value of Phase C V2P voltage.
0xE516
VNWV
R
24
32 SE
S
N/A
Instantaneous value of neutral line V1P
voltage.
0xE517
VN2WV
R
24
32 SE
S
N/A
Instantaneous value of neutral line V2P
voltage.
0xE518
AWATT
R
24
32 SE
S
N/A
Instantaneous value of Phase A total active
power.
0xE519
BWATT
R
24
32 SE
S
N/A
Instantaneous value of Phase B total active
power.
0xE51A
CWATT
R
24
32 SE
S
N/A
Instantaneous value of Phase C total active
power.
0xE51B
AVAR
R
24
32 SE
S
N/A
Instantaneous value of Phase A total
reactive power.
0xE51C
BVAR
R
24
32 SE
S
N/A
Instantaneous value of Phase B total
reactive power.
0xE51D
CVAR
R
24
32 SE
S
N/A
Instantaneous value of Phase C total
reactive power.
0xE51E
AVA
R
24
32 SE
S
N/A
Instantaneous value of Phase A apparent
power.
0xE51F
BVA
R
24
32 SE
S
N/A
Instantaneous value of Phase B apparent
power.
0xE520
CVA
R
24
32 SE
S
N/A
Instantaneous value of Phase C apparent
power.
0xE521
AVTHD
R
24
32 ZP
S
N/A
Total harmonic distortion of Phase A voltage.
0xE522
AITHD
R
24
32 ZP
S
N/A
Total harmonic distortion of Phase A current.
0xE523
BVTHD
R
24
32 ZP
S
N/A
Total harmonic distortion of Phase B voltage.
0xE524
BITHD
R
24
32 ZP
S
N/A
Total harmonic distortion of Phase B current.
0xE525
CVTHD
R
24
32 ZP
S
N/A
Total harmonic distortion of Phase C voltage.
0xE526
CITHD
R
24
32 ZP
S
N/A
Total harmonic distortion of Phase C current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com