Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 112 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 112 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 108Page - Analog Devices ADE7978 Datasheet HTML 109Page - Analog Devices ADE7978 Datasheet HTML 110Page - Analog Devices ADE7978 Datasheet HTML 111Page - Analog Devices ADE7978 Datasheet HTML 112Page - Analog Devices ADE7978 Datasheet HTML 113Page - Analog Devices ADE7978 Datasheet HTML 114Page - Analog Devices ADE7978 Datasheet HTML 115Page - Analog Devices ADE7978 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 112 of 125
Table 45. STATUS0 Register (Address 0xE502)
Bits
Bit Name
Default Value
Description
0
AEHF
0
When this bit is set to 1, it indicates that Bit 30 in one of the total active energy registers
(AWATTHR, BWATTHR, or CWATTHR) has changed.
1
FAEHF
0
When this bit is set to 1, it indicates that Bit 30 in one of the fundamental active energy
registers (FWATTHR, BFWATTHR, or CFWATTHR) has changed.
2
REHF
0
When this bit is set to 1, it indicates that Bit 30 in one of the total reactive energy registers
(AVARHR, BVARHR, or CVARHR) has changed.
3
FREHF
0
When this bit is set to 1, it indicates that Bit 30 in one of the fundamental reactive energy
registers (AFVARHR, BFVARHR, or CFVARHR) has changed.
4
VAEHF
0
When this bit is set to 1, it indicates that Bit 30 in one of the apparent energy registers
(AVAHR, BVAHR, or CVAHR) has changed.
5
LENERGY
0
When this bit is set to 1, it indicates the end of an integration over the integer number of
half line cycles set in the LINECYC register (line cycle energy accumulation mode).
6
REVAPA
0
When this bit is set to 1, it indicates that the Phase A active power (total or fundamental)
identified by Bit 0 (REVAPSEL) in the MMODE register has changed sign. The sign itself is
indicated in Bit 0 (AWSIGN) of the PHSIGN register (see Table 54).
7
REVAPB
0
When this bit is set to 1, it indicates that the Phase B active power (total or fundamental)
identified by Bit 0 (REVAPSEL) in the MMODE register has changed sign. The sign itself is
indicated in Bit 1 (BWSIGN) of the PHSIGN register (see Table 54).
8
REVAPC
0
When this bit is set to 1, it indicates that the Phase C active power (total or fundamental)
identified by Bit 0 (REVAPSEL) in the MMODE register has changed sign. The sign itself is
indicated in Bit 2 (CWSIGN) of the PHSIGN register (see Table 54).
9
REVPSUM1
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF1 datapath
has changed sign. The sign itself is indicated in Bit 3 (SUM1SIGN) of the PHSIGN register
(see Table 54).
10
REVRPA
0
When this bit is set to 1, it indicates that the Phase A reactive power (total or fundamental)
identified by Bit 1 (REVRPSEL) in the MMODE register has changed sign. The sign itself is
indicated in Bit 4 (AVARSIGN) of the PHSIGN register (see Table 54).
11
REVRPB
0
When this bit is set to 1, it indicates that the Phase B reactive power (total or fundamental)
identified by Bit 1 (REVRPSEL) in the MMODE register has changed sign. The sign itself is
indicated in Bit 5 (BVARSIGN) of the PHSIGN register (see Table 54).
12
REVRPC
0
When this bit is set to 1, it indicates that the Phase C reactive power (total or fundamental)
identified by Bit 1 (REVRPSEL) in the MMODE register has changed sign. The sign itself is
indicated in Bit 6 (CVARSIGN) of the PHSIGN register (see Table 54).
13
REVPSUM2
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF2 datapath
has changed sign. The sign itself is indicated in Bit 7 (SUM2SIGN) of the PHSIGN register
(see Table 54).
14
CF1
0
When this bit is set to 1, it indicates that a high to low transition has occurred at the CF1
pin; that is, an active low pulse has been generated. This bit is set even if the CF1 output is
disabled by setting Bit 9 (CF1DIS) to 1 in the CFMODE register. The type of power used at
the CF1 pin is determined by Bits[2:0] (CF1SEL[2:0]) in the CFMODE register (see Table 52).
15
CF2
0
When this bit is set to 1, it indicates that a high to low transition has occurred at the CF2
pin; that is, an active low pulse has been generated. This bit is set even if the CF2 output is
disabled by setting Bit 10 (CF2DIS) to 1 in the CFMODE register. The type of power used at
the CF2 pin is determined by Bits[5:3] (CF2SEL[2:0]) in the CFMODE register (see Table 52).
16
CF3
0
When this bit is set to 1, it indicates that a high to low transition has occurred at the CF3
pin; that is, an active low pulse has been generated. This bit is set even if the CF3 output is
disabled by setting Bit 11 (CF3DIS) to 1 in the CFMODE register. The type of power used at
the CF3 pin is determined by Bits[8:6] (CF3SEL[2:0]) in the CFMODE register (see Table 52).
17
DREADY
0
When this bit is set to 1, it indicates that all periodical (8 kHz rate) DSP computations have
finished.
18
REVPSUM3
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF3 datapath
has changed sign. The sign itself is indicated in Bit 8 (SUM3SIGN) of the PHSIGN register
(see Table 54).
[31:19]
Reserved
0 0000 0000
0000
Reserved. These bits are always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com