Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 114 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 114 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 110Page - Analog Devices ADE7978 Datasheet HTML 111Page - Analog Devices ADE7978 Datasheet HTML 112Page - Analog Devices ADE7978 Datasheet HTML 113Page - Analog Devices ADE7978 Datasheet HTML 114Page - Analog Devices ADE7978 Datasheet HTML 115Page - Analog Devices ADE7978 Datasheet HTML 116Page - Analog Devices ADE7978 Datasheet HTML 117Page - Analog Devices ADE7978 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 114 of 125
Table 47. MASK0 Register (Address 0xE50A)
Bits
Bit Name
Default Value
Description
0
AEHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 changes in any of the total
active energy registers (AWATTHR, BWATTHR, or CWATTHR).
1
FAEHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 changes in any of the
fundamental active energy registers (AFWATTHR, BFWATTHR, or CFWATTHR).
2
REHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 changes in any of the total
reactive energy registers (AVARHR, BVARHR, or CVARHR).
3
FREHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 changes in any of the
fundamental reactive energy registers (AFVARHR, BFVARHR, or CFVARHR).
4
VAEHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 changes in any of the apparent
energy registers (AVAHR, BVAHR, or CVAHR).
5
LENERGY
0
When this bit is set to 1, it enables an interrupt at the end of an integration over the integer
number of half line cycles set in the LINECYC register (line cycle energy accumulation mode).
6
REVAPA
0
When this bit is set to 1, it enables an interrupt when the Phase A active power (total or
fundamental) identified by Bit 0 (REVAPSEL) in the MMODE register changes sign.
7
REVAPB
0
When this bit is set to 1, it enables an interrupt when the Phase B active power (total or
fundamental) identified by Bit 0 (REVAPSEL) in the MMODE register changes sign.
8
REVAPC
0
When this bit is set to 1, it enables an interrupt when the Phase C active power (total or
fundamental) identified by Bit 0 (REVAPSEL) in the MMODE register changes sign.
9
REVPSUM1
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in the
CF1 datapath changes sign.
10
REVRPA
0
When this bit is set to 1, it enables an interrupt when the Phase A reactive power (total or
fundamental) identified by Bit 1 (REVRPSEL) in the MMODE register changes sign.
11
REVRPB
0
When this bit is set to 1, it enables an interrupt when the Phase B reactive power (total or
fundamental) identified by Bit 1 (REVRPSEL) in the MMODE register changes sign.
12
REVRPC
0
When this bit is set to 1, it enables an interrupt when the Phase C reactive power (total or
fundamental) identified by Bit 1 (REVRPSEL) in the MMODE register changes sign.
13
REVPSUM2
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in the
CF2 datapath changes sign.
14
CF1
0
When this bit is set to 1, it enables an interrupt when a high to low transition occurs at the
CF1 pin; that is, an active low pulse is generated. The interrupt can be enabled even if the
CF1 output is disabled by setting Bit 9 (CF1DIS) to 1 in the CFMODE register. The type of
power used at the CF1 pin is determined by Bits[2:0] (CF1SEL[2:0]) in the CFMODE register
(see Table 52).
15
CF2
0
When this bit is set to 1, it enables an interrupt when a high to low transition occurs at the
CF2 pin; that is, an active low pulse is generated. The interrupt can be enabled even if the
CF2 output is disabled by setting Bit 10 (CF2DIS) to 1 in the CFMODE register. The type of
power used at the CF2 pin is determined by Bits[5:3] (CF2SEL[2:0]) in the CFMODE register
(see Table 52).
16
CF3
0
When this bit is set to 1, it enables an interrupt when a high to low transition occurs at the
CF3 pin; that is, an active low pulse is generated. The interrupt can be enabled even if the
CF3 output is disabled by setting Bit 11 (CF3DIS) to 1 in the CFMODE register. The type of
power used at the CF3 pin is determined by Bits[8:6] (CF3SEL[2:0]) in the CFMODE register
(see Table 52).
17
DREADY
0
When this bit is set to 1, it enables an interrupt when all periodical (8 kHz rate) DSP
computations finish.
18
REVPSUM3
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in the
CF3 datapath changes sign.
[31:19]
Reserved
0 0000 0000
0000
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com