Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 10Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 11Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 12Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Applications Information
SML2120
14
2066 6.3 1/22/04
Summit Microelectronics
Device configuration and access is simplified using the
SML2120 graphical user interface (GUI) software available
from the Summit website (www.summitmicro.com). This
software utilizes a programming dongle (SMX3200)
connected to the parallel port of a PC to read and write the
device.Compatible Laser Drivers
Compatible Laser Drivers
The SML2120 is compatible with a wide array of laser
drivers from many different manufacturers. The SML2120
controls the power, biasing and modulation current
independent of the data rate of the laser driver. Therefore, it
can be applied with drivers that operate at sub-GHz,
2.5GHz, 10GHz and 40GHz rates. An example application
for an electro-absorptive modulated laser is shown in
Figure 8. The SML2120 interfaces to the laser module
thermistor, monitor diode and laser diode to control bias and
modulation levels over temperature.
Another application example is shown in Figure 9. Here,
the SML2120 is shown controlling a laser diode and an
external thermistor. The thermistor output is monitored and
also buffered to drive the external temperature pin which is
connected to one of the LUTs on the SML2120. Also shown
are the optional connections for dual supply operation and
connections to the SMX3200 programmer header.
Table 4. SML2120 Access Types
Slave
Address
A0
(Address bit 8)
Access Type
1001
0
Read/Write Status registers
1
Read A/D converter
1010
0
General Purpose E2PROM
1
Configuration registers
1011
0
Read/Write Lookup Table 0
1
Read/Write Lookup Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com