Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 28 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 28 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 27Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 28Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 29Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 30Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 31Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 32Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
SML2120
28
2066 6.3 1/22/04
Summit Microelectronics
Configuration Register 11 - Address 0x10B
This register contains the high DAC settings for Lookup Table 0.
Configuration Register 12 - Address 0x10C
This register contains the low DAC settings for Lookup Table 1.
Configuration Register 13 - Address 0x10D
This register contains the high DAC settings for Lookup Table 1.
Bits
Default
Description
76
54321
0
High DAC 0
0x00
High DAC Lookup current for table 0 (2.5 mA * (256 - n)/256), where ‘n’
equals the value programmed in this register.
Table 17. Configuration Register 11 Bitmap
Bits
Default
Description
76
54321
0
Low DAC 1
0x00
Low DAC Lookup current for table 1 (2.5 mA * n/256), where ‘n’ equals
the value programmed in this register.
Table 18. Configuration Register 12 Bitmap
Bits
Default
Description
76
54321
0
High DAC 1
0x00
High DAC Lookup current for table 1 (2.5 mA * (256 - n)/256), where ‘n’
equals the value programmed in this register.
Table 19. Configuration Register 13 Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com