Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 11Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 12Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
SML2120
Applications Information
Summit Microelectronics
2066 6.3 1/22/04
15
Figure 8. Typical Electro-Absorptive Modulated Laser Application (-5.2V Supply)
VB R ID G E
TH E R M IS T O R
12
11
20
18
BIA S
MP D
9
10
21
VS S
VD D
15
24
8
VL O W
EN A #
1
A ddre s s = 0
16
17
C 1
C2
VD D
VS S
VS S
22
VA P C
EX T _ T E M P
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com