Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 23Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SML2120
20
2066 6.3 1/22/04
Summit Microelectronics
Figure 16. Status Register Read
Figure 17. Status Register Write
Figure 18. ADC Read
Figure 19. Configuration E2PROM Read
Figure 20. Configuration E2PROM Write
0
10
1 S
2
S
1 0
0 0 0
1
S
0
10
1 S
2
S
1 0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
0 1 1 1
S
T
A
R
T
Device
Identifier
Bus
Address
R
/
W
A
C
K
A
C
K
S
T
O
P
N
A
C
K
R
/
W
A
C
K
1
S
T
A
R
T
S0 A
AA
1
N
A
S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK)
NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1
0
10
1 S
2
S
1 0
X X X
D
3
D
2
D
1
D
0
S
T
A
R
T
Device
Identifier
Bus
Address
R
/
W
A
C
K
S
T
O
P
A
C
K
S
0 A
0
0
0
0
1
1 11
A
C
K
A
X
A P
S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK)
NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1
0
10
1
S
2
S
1
1n x
x
x
xA S
0
10
1 S
2
S
1
1
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
P
x
x
x
x
S
T
A
R
T
Device
Identifier
Bus
Address
A
C
K
S
T
O
P
N
A
C
K
R
/
W
A
C
K
R
/
W
A
C
K
A
A
S
T
A
R
T
S
N
A
1
1
S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK)
NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1
0
11 0
S
2
S
1
1
S
0
1
1
0 S
2
S
1
1
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
P
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
S
T
O
P
N
A
C
K
R
/
W
A
C
K
R
/
W
A
S
A
S
T
A
R
T
Device
Identifier
Bus
Address
A
C
K
A
C
K
N
A
0
A
1
S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK)
NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1
0
1
1 0 S
2
S
1 0
D
7
D
6
D
5
D
3
D
2
D
1
D
0
S
T
A
R
T
Device
Identifier
Bus
Address
A
C
K
S
T
O
P
A
C
K
D
4
R
/
W
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
A
A
C
K
A
A
0
P
S
S = Start, S2:S1 = Bus Select Bits, A = Acknowledge (ACK)
NA = No Acknowledge (NACK), P = Stop, n = Lookup Table (LUT) 0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com