Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 23 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 23 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 23Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 27Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SML2120
Summit Microelectronics
2066 6.3 1/22/04
23
Configuration Register 0 - Address 0x100
This register is used to set the low alarm value for Lookup Table 0. An ADC conversion on Lookup Table 0 that
is less than the value programmed in this register causes the ALERT# pin to be asserted.
Configuration Register 1 - Address 0x101
This register is used to set the high alarm value for Lookup Table 0. An ADC conversion on Lookup Table 0 that
is greater than the value programmed in this register causes the ALERT# pin to be asserted.
Configuration Register 2 - Address 0x102
This register is used to set the low alarm value for Lookup Table 1. An ADC conversion on Lookup Table 1 that
is less than the value programmed in this register causes the ALERT# pin to be asserted.
Configuration Register 3 - Address 0x103
This register is used to set the high alarm value for Lookup Table 1. An ADC conversion on Lookup Table 1 that
is greater than the value programmed in this register causes the ALERT# pin to be asserted.
Bits
Default
Description
765
43210
Low Alarm
0x00
Low alarm value for Lookup Table 0. Values range from 0 to 255.
Table 6. Configuration Register 0 Bitmap
Bits
Default
Description
765
43210
High Alarm
0xFF
High alarm value for Lookup Table 0. Values range from 0 to 255.
Table 7. Configuration Register 1 Bitmap
Bits
Default
Description
765
43210
Low Alarm
0x00
Low alarm value for Lookup Table 1. Values range from 0 to 255.
Table 8. Configuration Register 2 Bitmap
Bits
Default
Description
765
43210
High Alarm
0xFF
High alarm value for Lookup Table 1. Values range from 0 to 255.
Table 9. Configuration Register 3 Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com