Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 19 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 19 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 23Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
SML2120
Summit Microelectronics
2066 6.3 1/22/04
19
Figure 13. Typical Master Address Byte Transmission
During a read by the Master device, the SML2120 transmits
eight bits of data, then releases the SDA line, and monitors
the line for an Acknowledge signal. If an Acknowledge is
detected, and no Stop condition is generated by the Master,
the SML2120 continues to transmit data. If an Acknowledge
is not detected (NACK), the SML2120 terminates any
subsequent data transmission. The read transfer protocol
on SDA is shown in Figure 14.
Figure 14. Read Protocol
During a Master write, the SML2120 receives eight bits of
data, then generates an Acknowledge signal. It device
continues to generate the ACK condition on SDA until a
Stop condition is generated by the Master. The write transfer
protocol on SDA is shown in Figure 15.
Figure 15. Write Protocol
Random Access Read
Random address read operations allow the Master to
access any memory location in a random fashion. This
operation involves a two-step process. First, the Master
issues a Write command which includes the Start condition
and the Slave address field (with the R/W bit set to Write)
followed by the address of the word it is to read. This
procedure sets the internal address counter of the SML2120
to the desired address.
After the word address Acknowledge is received by the
Master, it immediately reissues a Start condition followed by
another Slave address field with the R/W bit set to Read.
The SML2120 responds with an Acknowledge and then
transmits the 8 data bits stored at the addressed location. At
this point, the Master sets the SDA line to NACK and
generates a Stop condition. The SML2120 discontinues
data transmission and reverts to its standby power mode.
Sequential Reads
Sequential reads can be initiated as either a current address
read or a random access read. The first word is transmitted
as with the other byte Read modes (current address byte
Read or random address byte Read). However, the Master
now responds with an Acknowledge, indicating that it
requires additional data from the SML2120.
The SML2120 continues to output data for each
Acknowledge received. The Master sets the SDA line to
NACK and generates a Stop condition. During a sequential
Read
operation
the
internal
address
counter
is
automatically incremented with each Acknowledge signal.
For Read operations all address bits are incremented,
allowing the entire array to be read using a single Read
command. After a count of the last memory address the
address counter rolls over and the memory continues to
output data.
Transaction Types
The figures below show timing diagrams for the following
transaction types.
• Status Register Read
• Status Register Write
• ADC Read
• Configuration E2PROM Read
• Configuration E2PROM Write
• General Purpose E2PROM Read
• General Purpose E2PROM Write
• Lookup Table Read
• Lookup Table Write
SCL
SDA
1
2
3
8
9
4
5
6
7
1
0
1
R/W
0
x
x
x
ACK
2050 Fig12
Master
SDA
Slave
S
T
A
R
T
1 0
R
/
W
1 0
A
C
K
xx x R xx x xx x xx
A
C
K
xx
xx
N
A
C
K
S
T
O
P
2050 Fig13
Master
SDA
Slave
S
T
A
R
T
1 0
R
/
W
1 0
A
C
K
xx x W
xx x xx x xx
xx
xx
A
C
K
A
C
K
S
T
O
P
2050 Fig14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com