Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 29 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 29 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 27Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 28Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 29Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 30Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 31Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 32Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SML2120
Summit Microelectronics
2066 6.3 1/22/04
29
Configuration Register 14 - Address 0x10E
This register contains output polarity and bias current information.
Note 1 - If bit 3 is set to a '1', then the APC feedback loop is not
used at all - the bias current is a fixed value based on ILU1. If bit 3
is '0' and bit 4 is '1', then the APC loop does determine the bias
current as long as AM# is asserted. When AM# is not asserted,
then the bias current is fixed based on ILU1. If both bits are 0,
then the bias current is only determined by the APC loop.
Bits
Default
Description
765
43210
0
0b0
Output polarity for ILU1. 0 = sink current.
1
Output polarity for ILUI. 1 = source current.
0
0b0
Output polarity for ILU0. 0 = sink current.
1
Output polarity for ILU0. 1 = source current.
0
0b0
Quick start enabled.
1
Quick start disabled.
0
0b0
Bias current controlled by APC loop, or conditions from bit 3, Note 1
1
Bias current fixed by ILU1 only while AM# is not asserted.
0
0b0
Bias current controlled by APC loop, or conditions from bit 4, Note 1
1
Bias current fixed by ILU1 at all time.
000
0b000
Maximum bias current setting. 100 mA * (n+1)/8, where ‘n’ equals the
value programmed in this register.
...
111
Table 20. Configuration Register 14 Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com