Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 24 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 24 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 23Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 27Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 28Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
SML2120
24
2066 6.3 1/22/04
Summit Microelectronics
Configuration Register 4 - Address 0x104
This register is used to set the minimum update delta for Lookup Tables 0 and 1. The contents of this register
are used when the lookup table address translation by the ADC is compared against the previous value. The
current value must differ from the previous stored value by the amount in this register in order for the translation
to occur.
Configuration Register 5 - Address 0x105
This register is used to set the consecutive count source for Lookup Table 0 and 1, the alarm count, the auto-
monitor (AM#) lockout, and auto-monitor hold-off timer.
Bits
Default
Description
76
54321
0
Delta 1
x
0x0
Bits 7:4 determine the minimum update delta for Lookup Table 1. Valid
values range from 0 to 15. 0000 = 0, 1111 = 15.
xDelta 0
0x0
Bits 3:0 determine the minimum update delta for Lookup Table 0. Valid
values range from 0 to 15. 0000 = 0, 1111 = 15.
Table 10. Configuration Register 4 Bitmap
Bits
Default
Description
76
54321
0
COUNT
1
0b00
Indicates the minimum delta between addresses for Lookup table 1. 00
= 0, 11 = 3. Note that there must be at least COUNT1 consecutive
conversions that differ from the previously stored conversion by at least
DELTA 1 (bits 7:4 of Configuration register 4) in order for a new
translation to occur.
COUNT
0
0b00
Indicates the minimum delta between addresses for Lookup table 0.
0b00 = 0, 0b11 = 3. Note that there must be at least COUNT0
consecutive conversions that differ from the previously stored
conversion by at least Delta 0 (bits 3:0 of Configuration register 4) in
order for a new translation to occur.
0
0b0
ALERT# pin assertion. When this bit is cleared, the ALERT# pin is
asserted by the SML2120 on the first alert event.
1
ALERT# pin assertion. When this bit is set, the ALERT# pin is asserted
by the SML2120 on consecutive alert events.
0
0b1
Assertion of the AM# pin by external logic does lock out interface.
1
Assertion of the AM# pin by external logic does NOT lock out interface.
00
0b0
0.4 ms delay for auto-monitor holdoff timer.
0
1
3.2 ms delay for auto-monitor holdoff timer.
1
0
12.8 ms delay for auto-monitor holdoff timer.
1
1
51.2 ms delay for auto-monitor holdoff timer.
Table 11. Configuration Register 5 Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com