Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SML2120 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Package and Pin descriptions
SML2120
4
2066 6.3 1/22/04
Summit Microelectronics
–
PACKAGE AND PIN DESCRIPTIONS
Figure 4. 28-Pin QFN Package Pinout (top view)
PIN DESCRIPTIONS
PIN DESCRIPTIONS
Pin 1
ENA#
A1
A2
SDA
SCL
AM#
ALERT#
VSS
BIAS
VBURST
MPD
C1
C2
VDD
Pin Number Pin Type
Pin Name
Description
1I
ENA#*
Active low input enables the BIAS, ILU0 and ILU1 output currents.
2
I
A1*
The address pins are connected to either the VHI or VLOW pins to provide a
mechanism for assigning a unique I2C bus address to the SML2120.
3I
A2*
4I/O
SDA*
Bi-directional I2C serial data pin
5I
SCL*
I2C serial clock input
6I
AM#*
AM# is an active low input, when asserted the SML2120 is placed in the Auto-
Monitor mode. AM# must be high for programming the Configuration registers
and the Lookup Tables, ILU0 and ILU1 and the general purpose E2PROM.
7O
ALERT#*
Active low, open-drain output indicates when one of the monitored inputs
exceeds its user-programmable high or low alert levels.
8PWR
VLOW
In dual-rail supply voltage systems, VLOW is tied to the system logic low
potential. It is a logic low reference for all pins marked with an asterisk (*).
9
PWR
VSS
VSS must be tied to the lowest system voltage potential.
10
PWR
VSS
11
I
THERMISTOR
Connect a thermistor to this pin to provide an alternative source of temperature
sensing (see VBRIDGE description).
* See VLOW and VHI pin descriptions.
PACKAGE AND PIN DESCRIPTIONS
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com