Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 23Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
CONFIGURATION REGISTERS
SML2120
22
2066 6.3 1/22/04
Summit Microelectronics
–
CONFIGURATION REGISTERS
Table 5. Configuration Register Map
Decimal Address
Hexadecimal Address
Register Name
Contents
Default
256
0x100
Configuration Register 0
Low alarm value for Lookup Table 0.
00
257
0x101
Configuration Register 1
High alarm value for Lookup Table 0.
FF
258
0x102
Configuration Register 2
Low alarm value for Lookup Table 1.
00
259
0x103
Configuration Register 3
High alarm value for Lookup Table 1.
FF
260
0x104
Configuration Register 4
Minimum Update Delta, LU tables 0 and 1.
00
261
0x105
Configuration Register 5
Conversion Count, Alarm Count, AUTOMOM
hold off timer.
00
262
0x106
Configuration Register 6
ADC input, scale, and offset for LU table 0.
60
263
0x107
Configuration Register 7
ADC input, scale, and offset for LU table 1.
00
264
0x108
Configuration Register 8
Power-up DAC settings for LU table 0.
00
265
0x109
Configuration Register 9
Power-up DAC settings for LU table 1.
00
266
0x10A
Configuration Register 10
Low DAC value, LU table 0.
00
267
0x10B
Configuration Register 11
High DAC value, LU table 0.
00
268
0x10C
Configuration Register 12
Low DAC value, LU table 1.
00
269
0x10D
Configuration Register 13
High DAC value, LU table 1.
00
270
0x10E
Configuration Register 14
Output polarity, Bias current, Quick Start
00
271
0x10F
Configuration Register 15
Fast Mode enable, alarm reset,
configuration lockout, write protection.
03
The SML2120 has sixteen 8-bit user programmable, nonvolatile, configuration registers. Table 5 shows a listing of the
configuration registers and the correspond decimal and hexadecimal addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com