Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
SML2120
DEVELOPMENT HARDWARE & Support
Summit Microelectronics
2066 6.3 1/22/04
17
–
DEVELOPMENT HARDWARE & SUPPORT
The end user can obtain the Summit SMX3200
programming system for device prototype development.
The SMX3200 system consists of a programming Dongle,
cable and Windows GUI software. It can be ordered on the
website or from a local representative. The latest revisions
of all software and an application brief describing the
SMX3200
is
available
from
the
website
(www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application. The device is then configured on-screen via an
intuitive graphical user interface employing drop-down
menus.
The Windows GUI software will generate the data and send
it in I2C serial bus format so that it can be directly
downloaded to the SML2120 via the programming Dongle
and cable. An example of the connection interface is shown
in Figure 10.
When design prototyping is complete, the software can
generate a HEX data file that should then be transmitted to
Summit for approval. Summit will then assign a unique
customer ID to the HEX code and program production
devices before the final electrical test operations. This will
ensure proper device operation in the end application.
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200 interface cable connector
9
7
5
3
1
10
8
6
4
2
SML2120
SDA 4
SCL 5
15,24
VDD
VSS
9,10,21
0.1 F
Com mon
Ground
AM# 6
Pin 5, Reserved
Pin 9, 5V
Pin 7, 10V
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
D1
C1
Figure 10. SMX3200 Programmer and I2C serial bus connections to program the SML2120. For the SML2120, the
AM# pin must be high in order to program the device. Normally, SDA and SCL signals require on board pull-up
resistors, however, the SMX3200 has internal pull-up resistors. D1 is needed between the Dongle Supply and the
VDD pin so that there will be no contention between the two supplies. C1 is for noise bypassing. Note, AM# must
be high for programming, it can be pulled high externally or by the SMX3200 programmer. AM# must be low for
auto-monitor mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com