Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SML2120 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SML2120
Functional Block Diagram
Summit Microelectronics
2066 6.3 1/22/04
3
FUNCTIONAL BLOCK DIAGRAM
Figure 3. SML2120 Block Diagram
10-BIT ADC
Comparison
Logic
Alarm
Logic
Address Decode
256 x 8
E2PROM
Lookup
Table
256 x 8
E2PROM
Lookup
Table
CH1 Previous
Conversion
CH2 Previous
Conversion
CH1 High/Low
Limits
CH2 High/Low
Limits
8-BIT DAC
High Range
DAC
Low Range
DAC
+
-
Quick
Start
18
MPD
17
16
1
28
BIASMON
23
11
EXT_TEMP
THERMISTOR
8-BIT DAC
High Range
DAC
Low Range
DAC
2
3
4
5
7
I2C
2-Wire
Serial
Interface
A1
SCL
A2
SDA
ALERT#
13
ILU1
27
TEMPMON
26
POWERMON
Power
Distribution
8
9
10
VSS
VSS
VLOW
VSS
15
21
VDD
VHI
VDD
25
24
C1
C2
ENA#
6
AM#
Bias to Voltage
Converter
MPD to Voltage
Converter
14
20
BIAS
Current Generator
256 x 8
E2PROM
General
Purpose
Scale
&
Offset
8
ILU0
19
VBURST
Current Generator
Current Generator
Temp to Voltage
Converter
22
VAPC
0.75V
Internal
Reference
12
VBRIDGE
Bridge
Circuit
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com