Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 30 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 30 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 27Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 28Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 29Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 30Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 31Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 32Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SML2120
30
2066 6.3 1/22/04
Summit Microelectronics
Configuration Register 15 - Address 0x10F
This register contains fast mode enable, alarm control, configuration lockout, and write protect information.
Bits
Default
Description
76
54321
0
0
0b0
Fast Mode on ENA# is disabled
1
Fast Mode on ENA# is enabled.
0
0b0
E2PROM write protect. E2PROM Write Protect is determined by the
WP status bit
1
E2PROM write protect. E2PROM is write protected when ENA# is
asserted.
0
0b0
Alarm reset. A write to the status register will reset Alarm.
1
Alarm reset. When the AM# pin is de-asserted, the Alarm is reset.
0
0b0
Alarm Forces Shutdown. When this bit is cleared, an alarm does not
cause a shutdown.
1
Alarm Forces Shutdown. When this bit is set, an alarm causes a
shutdown.
0
0b0
Configuration Lockout. When this bit is cleared, the configuration
registers are not locked out and can be accessed.
1
Configuration Lockout. When this bit is set, the configuration registers
are locked out and cannot be accessed.
0
0b0
Write-protect not set on power-up.
1
Write-protect set on power-up.
00
0b11
Sample interval is 0.4 ms.
0
1
Sample interval is 3.2 ms.
1
0
Sample interval is 51.2 ms.
1
1
Sample interval is 409.6 ms.
Table 21. Configuration Register 15 Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com