Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2120 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
I2C Interface
SML2120
18
2066 6.3 1/22/04
Summit Microelectronics
–
I2C INTERFACE
The I2C bus is a standard two-wire serial communication
interface used between different integrated circuits. The
two lines are serial data (SDA), which is a bi-directional pin,
and serial clock (SCL). The SML2120 supports a 100kHz
and 400kHz clock rate.
The SDA line must be connected to a positive supply by a
pull-up resistor located on the bus. The SML2120 contains
a Schmitt input on both the SDA and SCL signals.
When the slave address is 1001 and address bit 8 is low,
the Status register is accessed. When bit 8 is high, the A/D
converter is read. The channel read from the ADC is deter-
mined by the word address (see Figure 18).
When the slave address is 1010 and address bit 8 is low, the
General Purpose E2PROM is accessed. When bit 8 is high,
the Configuration registers are accessed.
When the slave address is 1011, address bit 8 determines
whether Lookup Table 0 or 1 is accessed. If bit 8 is ‘0’,
Lookup Table 0 is accessed. A ‘1’ accesses Lookup Table 1.
See Figure 23 and 24.
Start and Stop Conditions
Both the SDA and SCL pins remain high when the bus is not
busy. Data transfers between devices may be initiated with
a Start condition only when SCL and SDA are high. A high-
to-low transition of the SDA while the SCL pin is high is
defined as a Start condition. A low-to-high transition SDA
while SCL is high is defined as a Stop condition. Figure 11
shows a timing diagram of the start and stop conditions.
Figure 11. Start and Stop Conditions
Master/Slave Protocol
The master/slave protocol defines any device that sends
data onto the bus as a transmitter, and any device that
receives data as a receiver. The device controlling data
transmission is called the Master, and the controlled device
is called the Slave. In all cases the SML2120 is referred to
as a Slave device since it never initiates any data transfers.
Acknowledge
Data is always transferred in bytes. Acknowledge (ACK) is
used to indicate a successful data transfer. The transmitting
device releases the bus after transmitting eight bits. During
the ninth clock cycle the Receiver pulls the SDA line low to
acknowledge that it received the eight bits of data. This is
shown by the ACK callout in Figure 12.
When the last byte has been transferred to the Master
during a read of the SML2120, the Master leaves SDA high
for a Not Acknowledge (NACK) cycle. This causes the
SML2120 part to stop sending data, and the Master issues
a Stop on the clock pulse following the NACK.
Figure 12 shows the Acknowledge timing.
Figure 12. Acknowledge Timing
Read and Write
The first byte from a Master is always made up of a 7-bit
Slave address and the Read/Write (R/W) bit. The R/W bit
tells the Slave whether the Master is reading data from the
bus or writing data to the bus (1 = Read, 0 = Write). The first
four of the seven address bits are called the Device Type
Identifier (DTI). The DTI for the SML2120 is 1010BIN.
The next three bits are Address values for A2, A1, and A0
(if multiple devices are used). In the SML2120, A0 functions
as address bit 8. Refer to Table 4 for more information on
the state of address bit 8 and the access types supported.
The SML2120 issues an Acknowledge after recognizing a
Start condition. Figure 13 shows an example of a typical
master address byte transmission.
2050 Fig10 2.0
SCL
SDA In
START
Condition
STOP
Condition
SCL
SDA
Trans
SDA
Rec
1
2
3
8
9
ACK
2050 Fig11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com