Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 9Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 10Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 11Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 12Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 13Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 14Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 15Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 16Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
13 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.2.7 Command: Status-readout
The Status-readout command offers to readout some status bits of the PCA8530. These
bits indicate the status of the device at the moment of reading.
[1]
The flag is set whenever a reset occurs, induced by RST pin, Power-On Reset (POR), or Initialize
command. After power-on, the flag is set and should be cleared for reset monitoring.
Some bits of the Status-readout command have a certain probability of being changed by
an EMC/ESD event. For example, an EMC/ESD event can cause a change of the
hard-wired settings of SA1 or SA0. Therefore SR[3:0] can help to detect if an EMC/ESD
event has occurred which has caused the change of a bit. In environments where
EMC/ESD events may occur, it could be helpful to compare the result of the
Status-readout command with the initial bit settings periodically.
Table 12.
Status-readout - status and temperature read command bit description
For this command, bit R/W has to be set logic 1.
Bit
Symbol
Value
Description
-R/W
1
fixed value
-
RS[1:0]
00
fixed value
Temperature readout if SO = 0 (see Table 11)
7 to 0
TD[7:0]
00000000 to
11111111
temperature readout (see Section 8.10.4.1 on
page 40)
Device status readout if SO = 1 (see Table 11)
7SR7
display status (see Table 22 on page 21)
0
display is disabled
1
display is enabled
6SR6
charge pump switching status
(status of bit CPE, see Table 14 on page 15)
0
charge pump disabled
1
charge pump enabled
5SR5
charge pump charge status
0
charge pump has not reached programmed
value
1
charge pump has reached programmed value
4SR4
reset status flag
0
no reset has occurred since the reset status
flag was cleared last time
1
reset has occurred since the reset status flag
was cleared last time[1]
3 to 0
SR[3:0]
EMC detection
01SA1SA0
pre-defined code for EMC detection when I2C
interface is used
0101
pre-defined code for EMC detection when SPI
interface is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com