Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 77 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 73Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 74Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 75Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 76Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 77Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 78Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 79Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 80Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
77 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
15. Application information
15.1 ITO layout recommendations for ESD/EMC robustness in COG
applications
The crucial factor for gaining an EMC and ESD robust application is the quality of the
VSS1 line.
• To get an EMC/ESD robust ITO/glass layout, the RITO(VSS1) has to be kept as low as
possible.
• In the most common applications VSS1 is connected to the pins T1, T2, A0, A1, OSC,
SA0, SA1 and IFS (in the case of using the SPI interface) by using a very wide ITO
connection
• If possible, the ITO connection of VSS1 should be made wide, for example by fanning
out the other connections
• When the display is enabled, the charge and discharge caused by display activity
affects the VSS1 line. This causes a dynamic current in the VSS1 line which means
that dynamic voltage peaks in the VSS1 line may interfere with the low voltage part of
the PCA8530. Therefore a low RITO(VSS1) is also important for an improved noise
immunity of the PCA8530 especially at high VLCD values (VLCD >10V).
• A low RITO(VSS1) also improves the communication stability with the microcontroller by
reducing the effects of local ground (VSS1) bounce caused by high SDAACK
currents.
• It should be considered that VSS1 is internally connected to the IC substrate,
therefore noise on the VSS1 line causes noise inside the IC.
Figure 54 and Figure 55 are showing the recommended ITO connections for a COG
layout according to the interface type use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com