Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 74 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 70Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 71Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 72Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 73Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 74Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 75Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 76Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 77Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
74 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
14.2 I2C-bus timing characteristics
[1]
tVD;DAT = minimum time for valid SDA output following SCL LOW.
[2]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA output LOW.
Table 50.
I2C-bus timing characteristic
VDD1, VDD2, VDD3 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 12.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and
VIH with an input voltage swing of VSS1 to VDD1.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL frequency
-
-
400
kHz
tBUF
bus free time between a
STOP and START
condition
1.3
-
-
s
tHD;STA
hold time (repeated)
START condition
0.6
-
-
s
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
s
tVD;DAT
data valid time
[1] --
0.9
s
tVD;ACK
data valid acknowledge
time
[2] --
0.9
s
tLOW
LOW period of the SCL
clock
1.3
-
-
s
tHIGH
HIGH period of the SCL
clock
0.6
-
-
s
tf
fall time
of both SDA and SCL
signals
--
0.3
s
tr
rise time
of both SDA and SCL
signals
--
0.3
s
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP
condition
0.6
-
-
s
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com