Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 31Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 32Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 33Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 34Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 35Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 36Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 37Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 38Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
35 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
In Equation 2 the main parameters are the programmed digital value term and the
compensated temperature term.
(2)
1. V[8:0] is the binary value of the programmed voltage.
2. VT[8:0] is the binary value of the temperature compensated voltage. Its value comes
from the temperature compensation block and is a two’s complement which has the
value 0h at 20
C.
3. m and n are fixed values (see Table 30 and Figure 15).
Figure 15 shows how VLCD changes with the programmed value of V[8:0].
Fig 14. VLCD generation including temperature compensation
Table 30.
Parameters of VLCD generation
Symbol
Value
Unit
m3.99
V
n0.03
V
V
LCD
V8:0
 VT 8:0

+
 n
m
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com