Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 32Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 33Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 34Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 35Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 36Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 37Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 38Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 39Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
36 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Remarks:
1. It is important that V[8:0] is set to such a value that the resultant VLCD, including the
temperature compensation VT[8:0], is higher than VDD2.
2. Programmable range of V[8:0] is from 0h to 1FFh. This would allow achieving a VLCD
above 12 V but 12 V is the built-in automatic limit.
8.10.3.2
VLCD driving capability
Figure 16 illustrates the main factor determining how much current the charge pump can
deliver.
The output resistance of the charge pump is specified in Table 31.
(1) V[8:0] must be set so that VLCD > VDD2.
(2) Automatic limitation for VLCD > 12 V.
Fig 15. VLCD programming of PCA8530 (assuming VT[8:0] = 0h)
Fig 16. Charge pump model (used to characterize the driving strength)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com