Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 13Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 14Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 15Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 16Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 17Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 18Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 19Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 20Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
17 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.4 Temperature compensation control commands
8.4.1 Command: Temperature-ctrl
The Temperature-ctrl command enables or disables the temperature measurement block
and the temperature compensation of VLCD (see Section 8.10.4 on page 40).
[1]
The unfiltered digital value of TD[7:0] is immediately available for the readout and VLCD compensation.
Table 17.
Temperature-ctrl - temperature measurement control command bit description
For this command, the register selection bits have to be set RS[1:0] = 10.
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 3
-
00000
fixed value
2TCE
temperature compensation control
0
temperature compensation of VLCD disabled
1
temperature compensation of VLCD enabled
1TMF
temperature measurement filter
0
digital temperature filter disabled[1]
1
digital temperature filter enabled
0TME
temperature measurement control
0
temperature measurement disabled;
no temperature readout possible
1
temperature measurement enabled;
temperature readout possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com