Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 16Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 17Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 18Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 19Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 20Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 21Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 22Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 23Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
20 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.5 Display control commands
8.5.1 Command: Set-MUX-mode
The Set-MUX-mode command allows setting the multiplex drive mode.
8.5.2 Command: Inversion-mode
The Inversion-mode command allows changing the drive scheme inversion mode.
The waveforms used to drive LCD displays (see Figure 25 on page 46 to Figure 28 on
page 49) inherently produce a DC voltage across the display cell. The PCA8530
compensates for the DC voltage by inverting the waveforms on alternate frames or
alternate lines. The choice of the compensation method is determined with INV[2:0] in
Table 21.
8.5.2.1
Line inversion mode (driving scheme A)
In line inversion mode, the DC value is compensated every nth line. Changing the
inversion mode to line inversion mode reduces the possibility for flickering but increases
the power consumption (see example waveforms in Figure 25 on page 46 to Figure 28 on
page 49)
Table 20.
Set-MUX-mode - set multiplex drive mode command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 3
-
00000
fixed value
2 to 0
M[2:0]
set multiplex drive mode
000 to 100
unused
101
1:4 multiplex drive mode
110
1:2 multiplex drive mode
111
static
Table 21.
Inversion-mode - inversion mode command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 3
-
10110
fixed value
2 to 0
INV[2:0]
set inversion mode
000
frame inversion mode
001
1-line inversion mode
010
2-line inversion mode
011
3-line inversion mode
100 to 111
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com